Electronic Components Datasheet Search
  English  ▼

X  

ATC600L Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ATC600L
Description  Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600L Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ATC600L Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale
(ATC document #001-992 Rev. B 12/05). Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atce-
ramics.com/productfinder/default.asp. Click on the link for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of
third parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2003 American Technical Ceramics Corp. All Rights Reserved.
Price
Kit #
Cap. Value
Range (pF)
Cap. Values
(pF)
Description
Kit
36T
0.1 to 2.0
0.1, 0.2, 0.3, 0.4, 0.5, 0.6, 0.7, 0.8, 0.9,
1.0, 1.1, 1.2, 1.5
$90.00
600L Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
37T
1.0 to 10
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3
3.9, 4.7, 5.6, 6.8, 8.2
10
$90.00
600L Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values, 15 pcs. min. per value
Kit
38T
10 to 27
600L Series Ultra-low ESR,
High Q Microwave Capacitors
8 different values, 15 pcs. min. per values
Item #
DK0036T
DK0037T
DK0038T
10, 12, 15, 18, 20, 22, 24, 27
±0.1
Tol.
(pF)
1.6, 1.8, 2.0
±0.25
±0.1
±0.25
±5%
$50.00
±5%
ATC # 001-976;
Rev L, 1/11
Suggested Mounting Pad Dimensions
B
A
C
D
B
Inches (mm)
0402 (1005)
A Min.
B Min.
C Min.
D Min.
Case Size
0603 (1608)
0805 (2012)
.1259
(3.20)
.110
(2.80)
.0866
(2.20)
.0157
(0.40)
.0275
(0.70)
.0393
(1.00)
.0590
(1.50)
.0354
(0.90)
.0433
(1.10)
.0512
(1.30)
.0236
(0.60)
.0236
(0.60)
Case Sizes L, S and F
6
T
W
L
Outline Dimensions
Y
L
T
W
L (0402)
L: .040 ± .004 (1.02 ± 0.1)
W: .020 ± .004 (.51 ± 0.1)
T: .024 max. (0.60 max.)
Y: .010 ± .006 (0.25 ± 0.15)
Inches (mm)
4
Design Kits Each Kit contains a selection of standard capacitor values for circuit prototyping.
For Online Kit Orders, Catalog & Application Notes, Visit: www.atceramics.com
ATC 600L Series Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
AMERICAN
TECHNICAL
CERAMICS
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com