Electronic Components Datasheet Search
  English  ▼

X  

ATC600S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC600S
Description  High Self Resonance Frequencies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC600S Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Kit
25T
0.1 to 2.0
0.1, 0.2, 0.3, 0.4, 0.5, 0.6 0.7, 0.8, 0.9, 1.0,
1.1, 1.2, 1.5
1.6, 1.8, 2.0
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
Kit
26T
1.0 to 10
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
Kit
27T
10 to 100
10, 12, 15, 18, 20, 22, 24, 27, 30, 33, 39, 47,
56, 68, 82, 100
$90.00
600S Series Ultra-low ESR,
High Q Microwave Capacitors
16 different values,
15 pcs. min. per value
DK0025T
DK0026T
DK0027T
±5%
±5%
±0.25
±0.1
±0.25
±0.1
1.0, 1.2, 1.5, 1.8, 2.0, 2.2, 2.4, 2.7, 3.0, 3.3
3.9, 4.7, 5.6, 6.8, 8.2
10
Kit #
Item #
Description
Cap. Value
Range (pF)
Cap. Values
(pF)
Tol.
(pF)
Price
Suggested Mounting Pad Dimensions
Vertical
ElectrodeOrientation
Horizontal
ElectrodeOrientation
B
A
C
D
B
Inches(mm)
0402(1005)
AMin. BMin. CMin. DMin.
CaseSize
0603 (1608)
0805 (2012)
.1259
(3.20)
.110
(2.80)
.0866
(2.20)
.0157
(0.40)
.0275
(0.70)
.0393
(1.00)
.0590
(1.50)
.0354
(0.90)
.0433
(1.10)
.0512
(1.30)
.0236
(0.60)
.0236
(0.60)
CaseSizesL,SandF
T
W
T
W
L
L
Outline Dimensions
Y
L
T
W
S (0603)
L: .063 ± .006 (1.60 ± .15)
W: .032 ± .006 (.81 ± .15)
T: .035 max. (0.89 max.)
Y: .014 ± .006 (0.36 ± 0.15)
Design Kits Each Kit contains a selection of standard capacitor values for circuit prototyping.
For Online Kit Orders, Catalog & Application Notes, Visit: www.atceramics.com
ATC 600S Series Ultra-Low, High Q ESR, NPO RF & Microwave Capacitors
Inches (mm)
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com