Electronic Components Datasheet Search
  English  ▼

X  

ATC600S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATC600S
Description  High Self Resonance Frequencies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC600S Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC600S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Capacitance:
0.1 to 100 pF
Tolerances:
See Cap Value Chart
Working Voltage (WVDC):
250 V
Quality Factor (Q):
> 2000 @ 1 MHz
Operating Temperature
Range:
-55°C to +125°C
(no derating of working voltage)
Temperature coefficient of
Capacitance (TCC):
0 ± 30 ppm/°C, -55°C to +125°
Insulation Resistance:
105 M
min. at +25°C
at rated WVDC
104 M
min. at +125°C
at rated WVDC
Dielectric Withstanding
Voltage (DWV):
2.5 x WVDC for 5 seconds
Aging:
None
Piezo Effects:
None
Terminations:
T
= Tin Plated over Nickel Barrier
*
(Standard)
TN = Tin Plated over Non-Magnetic
Barrier
*
W = Tin/Lead Solder Plated
over Nickel Barrier
Solderability:
Solder coverage > 90% of end
termination
Terminal Strength:
4 lbs. Typ., 2 lbs. min.
Life Test:
2000 hours, +125°C at 2X WVDC
Thermal Shock:
5 cycles, -55°C to +125°C
Moisture Resistance:
240 hours, 85% Relative
Humidity at +85°C
DSCC Drawing Number 05002
ATC 001-924; Rev. R, 12/09
ATC 600S Series Ultra-Low
ESR, High Q, NPO RF &
Microwave Capacitors
Features:
• Lowest ESR in Class
• Highest Working Voltage in class – 250V
• Standard EIA Size: 0603
• Laser Marking (Optional)
• RoHS Compliant
• High Self Resonance Frequencies
Applications:
• Cellular Base Stations
• Wireless Communications
• Broadband Wireless Services
• Satellite Communications
• WiMAX (802.16)
Circuit Applications:
• Filter Networks
High Q Frequency Sources
• Matching Networks
• Tuning, Coupling, Bypass and DC Blocking
Electrical Specifications
Mechanical Specifications
Environmental Specifications
ATC 600 Series Capacitors are designed and manufactured to meet and exceed the requirements of EIA-198, MIL-PRF-55681 and MIL-PRF-123.
ISO 9001
REGISTERED
COMPANY
ATC 600 SERIES OVERVIEW
ATC Series
ATC Case Size
EIA Case Size
600
L
0402
600
S
0603
600
F
0805
Military Approval
*


Similar Part No. - ATC600S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
NXP Semiconductors
ATC600S0R2BT250XT NXP-ATC600S0R2BT250XT Datasheet
466Kb / 13P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2018
ATC600S0R3BT250XT NXP-ATC600S0R3BT250XT Datasheet
466Kb / 13P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2018
ATC600S0R4BT250XT NXP-ATC600S0R4BT250XT Datasheet
466Kb / 13P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2018
logo
M/A-COM Technology Solu...
ATC600S101JT250XT MA-COM-ATC600S101JT250XT Datasheet
794Kb / 6P
PIN Diode Shunt Switch Element
More results

Similar Description - ATC600S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8026 PANASONIC-AN8026 Datasheet
125Kb / 12P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8028 PANASONIC-AN8028 Datasheet
133Kb / 13P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
AN8029 PANASONIC-AN8029 Datasheet
132Kb / 13P
Self-excited RCC pseudo-resonance type AC-DC switching power supply control IC
logo
STMicroelectronics
AN874 STMICROELECTRONICS-AN874 Datasheet
47Kb / 3P
HIGH FREQUENCIES DAMPER DIODES
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
High Q, high self-resonant frequency
logo
List of Unclassifed Man...
ATC500S ETC2-ATC500S Datasheet
288Kb / 8P
Ultra High Self Resonance
ATC700A ETC2-ATC700A Datasheet
297Kb / 6P
High Self-Resonance
ATC700B ETC2-ATC700B Datasheet
358Kb / 8P
High Self-Resonance
4600 ETC-4600 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com