Electronic Components Datasheet Search
  English  ▼

X  

ATC700C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ATC700C
Description  Ultra-Stable Performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC700C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ATC700C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Custom lead styles and lengths are available; consult factory. All leads are high purity silver attached with high temperature solder and are RoHS compliant.
ATC 700 C Capacitors: Mechanical Configurations
3
ATC
SERIES
& CASE
SIZE
ATC
TERM.
CODE
CASE SIZE
& TYPE
OUTLINES
W/T IS A
TERMINATION SURFACE
BODY DIMENSIONS
INCHES (mm)
LEAD AND TERMINATION
DIMENSIONS AND MATERIALS
LENGTH
(L)
WIDTH
(W)
THICKNESS
(T)
OVERLAP
(Y)
MATERIALS
700C
W
C
Solder Plate
L
T
W
Y
.230
+.020 -.010
(5.84
+0.51
-0.25)
.250 ±.015
(6.35 ±0.38)
.145 (3.68)
max. for ca-
pacitance val-
ues
≤ 680 pF;
.165 (4.19)
max. for ca-
pacitance val-
ues
> 680 pF.
.040 (1.02)
max.
Tin/ Lead, Solder Plated over
Nickel Barrier Termination
700C
P
C
Pellet
LT
W
Y
.230
+.025 -.010
(5.84
+0.64
-0.25)
Heavy Tin / Lead Coated, over
Nickel Barrier Termination
700C
T
C
Solderable
Nickel Barrier
L
T
W
Y
.230
+.020 -.010
(5.84
+0.51
-0.25)
RoHS Compliant
Tin Plated over
Nickel Barrier Termination
700C
MS
C
Microstrip
LT
LL
WL
TL
W
.245 ±.025
(6.22 ±0.64)
N/A
High Purity
Silver Leads
LL = .500 (12.7)
min.
WL = .240 ±.005
(6.10 ±.127)
TL = .004 ±.001
(.102 ±.025)
Leads are Attached with
High Temperature Solder.
700C
AR
C
Axial Ribbon
LT
LL
WL
TL
W
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com