Electronic Components Datasheet Search
  English  ▼

X  

ATC700C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ATC700C
Description  Ultra-Stable Performance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC700C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ATC700C Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC700C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0.001
0.01
0.1
1
110
100
1000
10000
C
500 MHz
150 MHz
30 MHz
(Typical)
E
10
100
1000
10000
100000
110
100
1000
10000
C
30 MHz
150 MHz
500 MHz
(Typical)
10
100
1000
10000
110
100
1000
10000
(Typical)
TC= 0
± 30 PPM/°C
1
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-55
-35
-15
5
25
45
65
85
105
125
ATC 700 C Performance Data
ESR VS. CAPACITANCE
ATC SERIES 700, CASE C
CAPACITANCE (pF)
Q VS. CAPACITANCE
ATC SERIES 700, CASE C
CAPACITANCE (pF)
SERIES RESONANCE VS. CAPACITANCE
ATC SERIES 700, CASE C
CAPACITANCE (pF)
TEMPERATURE (Degrees C)
CURRENT RATING VS. CAPACITANCE
ATC SERIES 700, CASE C
CAPACITANCE (pF)
5
CAPACITANCE CHANGE VS. TEMPERATURE
ATC SERIES 700, CASE C
AMERICAN
TECHNICAL
CERAMICS
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com