Electronic Components Datasheet Search
  English  ▼

X  

LA1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LA1
Description  High Power Leaded Chip Attenuators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A T C H I G H P O W E R R E S I S T I V E P R O D U C T S
350
300
250
200
150
100
50
0
0
25
50
75
100
125
150
Attenuator Power Handling vs. Mounting Surface Temperature
Notes:
1. Plot refers to incident continuous power of “P” Watts
2. Mounting surface is assumed an isotherm at T
M °C
3. Actual testing done at P = 100 Watts, T
M = 100 °C
4. Plot based on 1-dimensional heat transfer formula: T = T
M + PR, where
T = area-average resistive film temperature, held to 150 °C, max.
R = thermal resistance, mounting surface to resistive film ≈ 0.5 °C/W
for 30- and 20- dB devices (other values will run cooler and therefore
handle more power – consult factory)
Mounting Surface Temperature (°C)
* Test Condition: With mounting surface temperature = 75 °C, max. (see plot above). Actual test conditions are as follows:
Flange attached to a large copper carrier whose surface, directly under the flange center, is held at 100 °C; power
applied = 100 Watts. Specification: The attenuation shall change no more that 0.2 dB during and after a 100-hr.
Burn-in per MIL-PRF-55342.
** Attenuation vs. frequency as a function of temperature, -55°C to +125°C
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
Sales of ATC products are subject to the terms and conditions contained in American Technical Ceramics Corp. Terms and Conditions of Sale (ATC document #001-992 Rev. B 12/05).
Copies of these terms and conditions will be provided upon request. They may also be viewed on ATC's website at www.atceramics.com/productfinder/default.asp. Click on the link
for Terms and Conditions of Sale.
ATC has made every effort to have this information as accurate as possible. However, no responsibility is assumed by ATC for its use, nor for any infringements of rights of third
parties which may result from its use. ATC reserves the right to revise the content or modify its product without prior notice.
© 2012 American Technical Ceramics Corp. All Rights Reserved.
Excerpt from ATC # 001-944; Rev. R, 11/13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com