Electronic Components Datasheet Search
  English  ▼

X  

LA1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LA1
Description  High Power Leaded Chip Attenuators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LA1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A M E R I C A N
T E C H N I C A L
C E R A M I C S
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com
A T C H I G H P O W E R R E S I S T I V E P R O D U C T S
High Power Leaded Chip Attenuators
Style LA1
General Specifications
• Frequency Range: DC to 3 GHz
• Input Power*: 150 Watts
• Operating Temp Range: -55 to +150˚C
• Attenuation Stability**: 0.0001 dB/dB/°C, Max.
• Resistive Elements: Tantalum Nitride
• Substrate Material: Aluminum Nitride
• Tabs: 99.99% Pure Silver, .004 inches thick,
Cover: Alumina
• RoHS Compliant
• Reliability: MIL-PRF-55342
.040 TYP.
(1.02 mm)
.375
(9.53 mm)
.400
(10.16 mm)
.250 TYP.
(6.35 mm)
.080 MAX.
(2.03 mm)
.040
.004
(.101 mm)
(1.02 mm)
Mechanical Tolerance: ±.010 inch
unless otherwise specified
ATC
Part Number
Nominal
Attenuation (dB)
Frequency
Sensitivity (dB, max.)
Maximum Deviation
from Nominal (dB)
VSWR
(max.)
LA13740P01DBFBK
1
± 0.20
+0.45 / -0.15
1.55
LA13740P02DBFBK
2
± 0.30
0.50 / -0.30
1.50
LA13740P03DBFBK
3
± 0.30
0.60 / -0.30
1.50
LA13740P06DBFBK
6
± 0.30
+0.60 / -0.20
1.30
LA13740P09DBFBK
9
± 0.30
+0.60 / -0.20
1.30
LA13740P10DBFBK
10
± 0.20
+0.40 / -0.30
1.25
LA13740P17DBFBK
17
± 1.00
+1.00 / -1.20
1.30
LA13740P20DBFBK
20
± 1.00
+1.00 / -1.20
1.25
LA13740P30DBFBK
30
± 1.05
+1.75 / -1.20
1.25
For Attenuator Power Handling vs. Mounting Surface Temperature, see following page.
LA1 3740 P 02DB F BK
Case Style
Case Size
Termination
Packaging
BK - Plastic Carrier
Tolerance
F ±1%
Value
ATC Leaded Chip Attenuators
Part Number Code


Similar Part No. - LA1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LA1 LEIDITECH-LA1 Datasheet
603Kb / 2P
Glass passivated device Ideal for surface mouted applications
logo
Sensata Technologies, I...
LA10-08-000A SENSATA-LA10-08-000A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA10-12-027A SENSATA-LA10-12-027A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LEM
LA10-PB LEM-LA10-PB Datasheet
24Kb / 2P
Current Transducer LA 03~20-PB
LA10-PB LEM-LA10-PB Datasheet
183Kb / 3P
Current Transducer
More results

Similar Description - LA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
thermal sensitive chip attenuators.
logo
Advanced Technical Mate...
AH30V082-6 ATM-AH30V082-6 Datasheet
167Kb / 1P
HIGH POWER VARIABLE ATTENUATORS 30 WATTS
logo
IRC - a TT electronics ...
HFR-PAT3042PLF-50R0-00-B IRCTT-HFR-PAT3042PLF-50R0-00-B Datasheet
276Kb / 2P
High Power Flanged Attenuators
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
Chip Attenuators
logo
List of Unclassifed Man...
FA1 ETC2-FA1 Datasheet
65Kb / 2P
High Power Flange Mount Attenuators
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
Temperature compensated chip attenuators
logo
RHOPOINT COMPONENTS
PAT1220C3T RHOPOINT-PAT1220C3T Datasheet
279Kb / 5P
FIXED CHIP ATTENUATORS
logo
YAGEO Corporation
ATV321BR-071DBL YAGEO-ATV321BR-071DBL Datasheet
217Kb / 7P
CHIP RESISTORS RF ATTENUATORS
logo
API Technologies Corp
TCAFN05 APITECH-TCAFN05 Datasheet
2Mb / 4P
Temperature Variable Chip Attenuators
TCAFN09 APITECH-TCAFN09 Datasheet
1Mb / 2P
Temperature Variable Chip Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com