Electronic Components Datasheet Search
  English  ▼

X  

ADP3308 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3308
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3308 Datasheet(HTML) 5 Page - Analog Devices

  ADP3308 Datasheet HTML 1Page - Analog Devices ADP3308 Datasheet HTML 2Page - Analog Devices ADP3308 Datasheet HTML 3Page - Analog Devices ADP3308 Datasheet HTML 4Page - Analog Devices ADP3308 Datasheet HTML 5Page - Analog Devices ADP3308 Datasheet HTML 6Page - Analog Devices ADP3308 Datasheet HTML 7Page - Analog Devices ADP3308 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADP3303
–5–
REV. A
TIME –
s
5.02
4.99
0
20
200
40
60
80 100 120 140 160 180
5.01
5.00
7.0
4.98
7.5
25 , 0.47 F LOAD
VIN
VOUT = 5V
Figure 11. Line Transient Response
TIME –
s
3.310
3.305
0
200
1000
400
600
800
3.290
200
10
3.300
3.295
VOUT = 3.3V
I(VOUT)
VOUT
CL = 10 F
Figure 14. Load Transient for
10 mA to 200 mA Pulse
TIME –
s
4
1
025
510
15
20
3
2
0
0
5
VOUT
VSD
C = 0.47 F
R = 16.5
ON 3.3V OUTPUT
Figure 17. Turn Off
TIME –
s
5.02
4.99
0
40
400
80 120 160 200 240 280 320 360
5.01
5.00
7.0
4.98
7.5
5k , 0.47 F LOAD
VIN
VOUT = 5V
Figure 12. Line Transient Response
TIME – sec
3.5
0
05
12
3
4
0
300
100
400
200
3.3V
VOUT
IOUT
VIN = 7V
Figure 15. Short Circuit Current
FREQUENCY – Hz
0
–100
10
100
10M
1k
10k
100k
1M
–10
–60
–70
–80
–90
–20
–30
–50
–40
a. 0.47 F, RL = 33k
b. 0.47 F, RL = 16.5
c. 10 F, RL = 33k
d. 10 F, RL = 16.5
b d
a c
b
d
a
c
VOUT = 3.3V
Figure 18. Power Supply Ripple
Rejection
TIME –
s
3.310
3.305
0
200
1000
400
600
800
3.290
200
10
3.300
3.295
VOUT = 3.3V
I(VOUT)
VOUT
CL = 0.47 F
Figure 13. Load Transient for 10 mA
to 200 mA Pulse
TIME –
s
4
0
40
200
80
120
160
1
0
5
0
3
2
3
CL = 0.47 F, RL = 3.3k
CL = 10 F, RL = 3.3k
CL = 10 F, RL = 16.5
3.3V
VOUT
SD
VIN = 7V
Figure 16. Turn On
FREQUENCY – Hz
10
1
0.01
100
1k
100k
10k
0.1
0.47 F BYPASS
PIN 7, 8 TO PIN 3
VOUT = 3.3V, CL = 0.47 F,
I
L = 1mA, CNR = 0
VOUT = 5V, CL = 0.47 F,
I
L = 1mA, CNR = 0
VOUT = 2.7-5.0V, CL = 10 F,
I
L = 1mA, CNR = 10nF
Figure 19. Output Noise Density



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com