Electronic Components Datasheet Search
  English  ▼

X  

ADP3308 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3308
Description  High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3308 Datasheet(HTML) 1 Page - Analog Devices

  ADP3308 Datasheet HTML 1Page - Analog Devices ADP3308 Datasheet HTML 2Page - Analog Devices ADP3308 Datasheet HTML 3Page - Analog Devices ADP3308 Datasheet HTML 4Page - Analog Devices ADP3308 Datasheet HTML 5Page - Analog Devices ADP3308 Datasheet HTML 6Page - Analog Devices ADP3308 Datasheet HTML 7Page - Analog Devices ADP3308 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3303
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
High Accuracy anyCAP™
200 mA Low Dropout Linear Regulator
FUNCTIONAL BLOCK DIAGRAM
Q2
THERMAL
PROTECTION
gm
Q1
CC
BANDGAP
REF
DRIVER
R1
R2
ADP3303
OUT
IN
ERR
SD
GND
ADP3303-5.0
5
4
6
3
NR
OUT
IN
1
2
7
8
ERR
330k
EOUT
C2
0.47 F
VOUT = +5V
ON
OFF
SD
C1
0.47 F
VIN
SD
GND
Figure 1. Typical Application Circuit
FEATURES
High Accuracy Over Line and Load
0.8% @ at +25 C,
1.4% Over Temperature
Ultralow Dropout Voltage: 180 mV (Typ) @ 200 mA
Requires Only CO = 0.47 F for Stability
anyCAP = Stable with All Types of Capacitors
(Including MLCC)
3.2 V to 12 V Supply Range
Current and Thermal Limiting
Low Noise
Dropout Detector
Low Shutdown Current: < 1
A
Thermally Enhanced SO-8 Package
Excellent Line and Load Regulation Performance
APPLICATIONS
Cellular Telephones
Notebook, Palmtop Computers
Battery Powered Systems
Portable Instruments
Post Regulator for Switching Supplies
Bar Code Scanners
GENERAL DESCRIPTION
The ADP3303 is a member of the ADP330x family of preci-
sion low dropout anyCAP voltage regulators. The ADP3303
stands out from the conventional LDOs with a novel architec-
ture, an enhanced process and a new package. Its patented
design requires only a 0.47
µF output capacitor for stability.
This device is insensitive to capacitor Equivalent Series Resis-
tance (ESR) and is stable with any good quality capacitor, in-
cluding ceramic types (MLCC) for space restricted applications.
The ADP3303 achieves exceptional accuracy of
±0.8% at room
temperature and
±1.4% overall accuracy over temperature, line
and load regulations. The dropout voltage of the ADP3303 is
only 180 mV (typical) at 200 mA.
In addition to the new architecture and process, ADI’s new
proprietary thermally enhanced package (Thermal Coastline)
can handle 1 W of power dissipation without external heatsink
or large copper surface on the PC board. This keeps PC board
real estate to a minimum and makes the ADP3303 very attrac-
tive for use in portable equipment.
The ADP3303 operates with a wide input voltage range from
3.2 V to 12 V and delivers a load current in excess of 200 mA.
It features an error flag that signals when the device is about to
lose regulation or when the short circuit or thermal overload
protection is activated. Other features include shutdown and
optional noise reduction capabilities. The ADP330x anyCAP
LDO family offers a wide range of output voltages and output
current levels:
ADP3300 (50 mA, SOT-23)
ADP3301 (100 mA)
ADP3302 (100 mA, Dual Output)
ADP3307 (100 mA, SOT-23-6)
ADP3308 (50 mA, SOT-23-5)
ADP3309 (100 mA, SOT-23-5)
anyCAP is a trademark of Analog Devices Inc.


Similar Part No. - ADP3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3308 AD-ADP3308 Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
anyCAP??50 mA Low Dropout Linear Regulator
REV.A
ADP3308 AD-ADP3308 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3308 AD-ADP3308 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results

Similar Description - ADP3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV.A
ADP3303A AD-ADP3303A Datasheet
135Kb / 8P
High Accuracy anyCAP??Adjustable 200 mA Low Dropout Linear Regulator
REV.A
ADP3307 AD-ADP3307 Datasheet
156Kb / 8P
High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV.0
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301AR-3.3 AD-ADP3301AR-3.3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
128Kb / 8P
High Accuracy anyCAP?? 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301ARZ-3 AD-ADP3301ARZ-3 Datasheet
84Kb / 8P
High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com