Electronic Components Datasheet Search
  English  ▼

X  

PC123YN2J00F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC123YN2J00F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123YN2J00F Datasheet(HTML) 1 Page - Sharp Corporation

  PC123YN2J00F Datasheet HTML 1Page - Sharp Corporation PC123YN2J00F Datasheet HTML 2Page - Sharp Corporation PC123YN2J00F Datasheet HTML 3Page - Sharp Corporation PC123YN2J00F Datasheet HTML 4Page - Sharp Corporation PC123YN2J00F Datasheet HTML 5Page - Sharp Corporation PC123YN2J00F Datasheet HTML 6Page - Sharp Corporation PC123YN2J00F Datasheet HTML 7Page - Sharp Corporation PC123YN2J00F Datasheet HTML 8Page - Sharp Corporation PC123YN2J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PC123N02J00F Series
1
Sheet No.: D2-A09401EN
Date Sep. 1. 2006
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC123N02J00F
Series
DIP 4pin Reinforced Insulation Type
Photocoupler
■ Description
PC123N02J00F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead
spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5kV.
CTR is 50% to 400% at input current of 5mA
■ Features
1. 4-pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. Current transfer ratio (CTR : MIN. 50% at IF=5 mA,
VCE=5V)
4. Several CTR ranks available
5. Reinforced insulation type (Isolation distance : MIN.
0.4mm)
6. Long creepage distance type (wide lead-form type
only : MIN. 8mm)
7. High isolation voltage between input and output
(Viso(rms) : 5kV)
8. Lead-free and RoHS directive compliant
■ Agency approvals/Compliance
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC123)
2. Approved by BSI, BS-EN60065, file No. 7087, BS-
EN60950 file No. 7409, (as model No. PC123)
3. Approved by SEMKO, EN60065, EN60950, (as mod-
el No. PC123)
4. Approved by DEMKO, EN60065, EN60950, (as mod-
el No. PC123)
5. Approved by NEMKO, EN60065, EN60950, (as mod-
el No. PC123)
6. Approved by FIMKO, EN60065, EN60950, (as model
No. PC123)
7. Recognized by CSA file No. CA95323 (as model No.
PC123)
8. Approved by VDE, DIN EN60747-5-2(∗) (as an op-
tion), file No. 40008087 (as model No. PC123)
9. Package resin : UL flammability grade (94V - 0)
(∗) DIN EN60747-5-2 : successor standard of DIN VDE0884.
■ Applications
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different po-
tentials and impedances
4. Over voltage detection


Similar Part No. - PC123YN2J00F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
PC123Y TOSHIBA-PC123Y Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
Sharp Corporation
PC123YJ0000F SHARP-PC123YJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123YN2J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com