Electronic Components Datasheet Search
  English  ▼

X  

PC123YN2J00F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC123YN2J00F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123YN2J00F Datasheet(HTML) 5 Page - Sharp Corporation

  PC123YN2J00F Datasheet HTML 1Page - Sharp Corporation PC123YN2J00F Datasheet HTML 2Page - Sharp Corporation PC123YN2J00F Datasheet HTML 3Page - Sharp Corporation PC123YN2J00F Datasheet HTML 4Page - Sharp Corporation PC123YN2J00F Datasheet HTML 5Page - Sharp Corporation PC123YN2J00F Datasheet HTML 6Page - Sharp Corporation PC123YN2J00F Datasheet HTML 7Page - Sharp Corporation PC123YN2J00F Datasheet HTML 8Page - Sharp Corporation PC123YN2J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Sheet No.: D2-A09401EN
PC123N02J00F Series
(Ta=25̊C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
*1 Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
70
V
Emitter-collector voltage
VECO
6V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
200
mW
*2 Isolation voltage
Viso(rms)
5
kV
Operating temperature
Topr
−30 to +100
̊C
Storage temperature
Tstg
−55 to +125
̊C
*2 Soldering temperature
Tsol
260
̊C
*1 Pulse width≤100ms, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f = 60Hz
*3 For 10s
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25̊C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
−
1.2
1.4
V
Reverse current
IR
VR=4V
−−
10
μA
Terminal capacitance
Ct
V=0, f=1kHz
−
30
250
pF
Output
Collector dark current
ICEO
VCE=50V, IF=0
−−
100
nA
Collector-emitter breakdown voltage
BVCEO
IC=0.1mA, IF=0
70
−−
V
Emitter-collector breakdown voltage
BVECO
IE=10μA, IF=0
6
−−
nA
Transfer
charac−
teristics
Collector current
IC
IF=5mA, VCE=5V
2.5
−
20
mA
Collector-emitter saturation voltage
VCE(sat)
IF=20mA, IC=1mA
−
0.1
0.2
V
Isolation resistance
RISO
DC500V, 40 to 60%RH
5×10
10
1×10
11
−Ω
Floating capacitance
Cf
V=0, f=1MHz
−
0.6
1
pF
Cut-off frequency
fC
VCE=5V, IC=2mA, RL=100Ω, −3dB
−
80
−
kHz
Response time
Rise time
tr
VCE=2V, IC=2mA, RL=100Ω
−
418
μs
Fall time
tf
−
318
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com