Electronic Components Datasheet Search
  English  ▼

X  

SA3319 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SA3319
Description  Buccaneer짰 Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA3319 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SA3319 Datasheet HTML 9Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 10Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 11Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 12Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 13Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 14Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 15Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 16Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.Bulgin.co.uk
Tel: +44 (0) 20 8594 5588
25
Buccaneer® Connectors
Rear Nut
Locking Tab
Contact Carrier
Insert
Contact Carrier
Insert
O Rings
O Ring
Main Body
Gland Cage & Gland
Locking Ring
Gland Nut
Sealing Washer
Panel Mounting Body
Mini Buccaneer®
Diameter over coupling ring 26mm
2, 3, 4 or 6 pole screw terminal inserts
3 or 8 pole solder or crimp inserts
5 body styles, Flex, Flex In-Line, Panel (2 styles),
Panel Side Entry
50
Ω or 75Ω BNC inserts
5A, 380V a.c. 3 & 8 way solder/crimp terminals
10A, 250V a.c. 2 & 3 way screw terminals
6A, 250V a.c. 4 way screw terminal
3A, 250V a.c. 6 way screw terminal
Plug or socket connection in each body style
Cable range from 3.5mm - 9mm
UL approval
Water and dustproof to IP68 when mated
IP68 rating tested at 15lb/sq in (10m depth) for 2
weeks
Positive locating keyways - cannot be mis-connected
Sealing caps available to maintain IP68 rating of
unmated connectors
Flammability rating UL94V-0 material
Leading earth contact for 3 pole plug version
Compact design
Easy assembly - no special tools required on screw
terminal versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com