Electronic Components Datasheet Search
  English  ▼

X  

SA3319 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SA3319
Description  Buccaneer짰 Connectors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SA3319 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SA3319 Datasheet HTML 12Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 13Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 14Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 15Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 16Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 17Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 18Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 19Page - List of Unclassifed Manufacturers SA3319 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.Bulgin.co.uk
Tel: +44 (0) 20 8594 5588
31
Buccaneer® Connectors
PX04xx / xx x / xxxx
Part No System
Body Styles
PX0410 = Flex body
PX0411 = Flex in-line body
PX0412 = Panel mounting body
Number Contacts
02 = 2 pole, 03 = 3 pole,
04 = 4 pole, 06 = 6 pole
08 = 8 pole, 10 = 10 pole
12 = 12 pole
Contact Type
P = Plug, S = Socket
Cable Entry
(leave blank for PX0412)
Crimp Contacts
Configuration
Crimp contacts supplied separately in packs
(see table below)
Solder contacts supplied separately in packs
(see table below)
Supplied with colour coded sealing glands for specified
cable range
Seperate gland packs available
Contact inserts are part of body moulding - no assembly
required
Sealing caps supplied separately
Ordering Information
Determine body style, i.e. PX0410 = flex body, PX0411 =
flex in-line body
Determine number of contacts & type, i.e. 02 = 2 way,
P = pin contacts
Determine cable range, i.e. 3035 = 3.0 to 3.5mm cable
accomation
Choose appropriate contacts pack, i.e. SA3350 = pin
contacts suitable for 2 & 3 way connectors, supplied in pack
quantities of 10
Is a sealing cap required?
Is an insertion tool required?
Is a crimp tool required?
Pole
Pin
Socket
Pack Qty
Cable Acceptance (dia)
Current Rating
2, 3
SA3350
SA3349
10
20 - 24 AWG
8A
4, 6, 8
SA3348
SA3347
10
22 - 26 AWG
5A
10, 12
SA3180
SA3179
10
24 - 28 AWG
1A
Solder Contacts
Pole
Pin
Socket
Pack Qty
Cable Acceptance (dia)
Current Rating
2, 3
SA3350/1
SA3349/1
10
20 - 24 AWG
8A
4, 6, 8
SA3348/1
SA3347/1
10
22 - 26 AWG
5A
10, 12
SA3180/1
SA3179/1
10
24 - 28 AWG
1A
Contact Insertion Tools
Contact rating
Colour
Part No
Insertion/Extraction Tool
1A
Green
13027
Insertion/Extraction Tool
5A
Red
13027/1
Insertion/Extraction Tool
8A
Blue
13027/2
Crimp Tools
Contact rating
Colour
Part No
Positioner
1A
Green
14025/1AMP
Positioner
5A
Red
14025/5AMP
Positioner
8A
Blue
14025/8AMP
8 Indent Crimp Tool for use with positioners
14025
3035 = 3.0 - 3.5mm
(Light Grey)
3540 = 3.5 - 4.0mm
(Grey)
4045 = 4.0 - 4.5mm
(Green)
4550 = 4.5 - 5.0mm
(Red)
5055 = 5.0 - 5.5mm
(Yellow)
5560 = 5.5 - 6.0mm
(Blue)
6065 = 6.0 - 6.5mm
(White)
6570 = 6.5 - 7.0mm
(Black)
400 Series Buccaneer®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com