Electronic Components Datasheet Search
  English  ▼

X  

AS1115 Datasheet(PDF) 8 Page - ams AG

Part # AS1115
Description  64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 8 Page - ams AG

Back Button AS1115 Datasheet HTML 4Page - ams AG AS1115 Datasheet HTML 5Page - ams AG AS1115 Datasheet HTML 6Page - ams AG AS1115 Datasheet HTML 7Page - ams AG AS1115 Datasheet HTML 8Page - ams AG AS1115 Datasheet HTML 9Page - ams AG AS1115 Datasheet HTML 10Page - ams AG AS1115 Datasheet HTML 11Page - ams AG AS1115 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
7 - 25
AS1115
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. VDIGIT vs. IDIGIT
Figure 11. Input High Level vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
Idig (A)
Vdd = 2.7V
Vdd = 3.3V
Vdd = 4V
Vdd = 5V
Vdd = 5.5V
0
0.5
1
1.5
2
2.5
3
3.5
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Vdd (V)
Figure 12. ISEG vs. VSEG; VDD = 5V
Figure 13. ISEG vs. VSEG; VDD = 4V
0
5
10
15
20
25
30
35
40
45
50
2
2.5
3
3.5
4
4.5
5
Vseg (V)
Rext = 10k
Rext = 13k
Rext = 18k
Rext = 30k
Rext = 56k
0
5
10
15
20
25
30
35
40
45
50
1
1.5
2
2.5
3
3.5
4
Vseg (V)
Rext = 8k2
Rext = 10k
Rext = 13k
Rext = 18k
Rext = 30k
Figure 14. ISEG vs. VSEG; VDD = 3.3V
Figure 15. ISEG vs. VSEG; VDD = 2.7V
0
5
10
15
20
25
30
35
40
45
50
1
1.2 1.4 1.6 1.8 2
2.2 2.4 2.6 2.8 3
3.2
Vseg (V)
Rext = 6k8
Rext = 8k2
Rext = 10k
Rext = 13k
Rext = 18k
0
5
10
15
20
25
30
35
40
45
50
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Vseg (V)
Rext = 4k7
Rext = 5k6
Rext = 6k8
Rext = 10k
Rext = 13k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com