Electronic Components Datasheet Search
  English  ▼

X  

AS1115 Datasheet(PDF) 17 Page - ams AG

Part # AS1115
Description  64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1115 Datasheet(HTML) 17 Page - ams AG

Back Button AS1115 Datasheet HTML 13Page - ams AG AS1115 Datasheet HTML 14Page - ams AG AS1115 Datasheet HTML 15Page - ams AG AS1115 Datasheet HTML 16Page - ams AG AS1115 Datasheet HTML 17Page - ams AG AS1115 Datasheet HTML 18Page - ams AG AS1115 Datasheet HTML 19Page - ams AG AS1115 Datasheet HTML 20Page - ams AG AS1115 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1115
Revision 1.08
16 - 25
AS1115
Datasheet - D e t a i l e d D e s c r i p t i o n
Display-Test Mode
The AS1115 can detect open or shorted LEDs. Readout of either open LEDs or short LEDs is possible, as well as a OR relation of open and
short.
Note:
All settings of the digit- and control-registers are maintained.
LED Diagnostic Registers
These eight registers contain the result of the LED open/short test for the individual LED of each digit.
Note:
If one or more short occures in the LED array, detection of individual LED fault could become ambiguous.
Intensity Control Register (0x0A)
The brightness of the display can be controlled by digital means using the Intensity Control Registers and by analog means using RSET (see
Selecting RSET Resistor Value and Using External Drivers on page 19
). The intensity can be controlled globally for all digits, or
for each digit individually. The global intensity command will write intensity data to all four individual brightness registers, while the individual
intensity command will only write to the associated individual intensity register.
Table 14. Testmode Register Summary
D7
D6
D5
D4
D3
D2
D1
D0
X
RSET_short
RSET_open
LED_global
LED_test
LED_open
LED_short
DISP_test
Table 15. Testmode Register Bit Description (Address (HEX) = 0x0F))
Addr: 0x0F
Address
Bit
Bit Name
Default
Access
D7:D0
D0
DISP_test
0
W
Optical display test. (Testmode for external visual test.)
0: Normal operation; 1: Run display test (All digits are tested independently
from scan limit & shutdown register.)
D1
LED_short
0
W
Starts a test for shorted LEDs. (Can be set together with D2)
0: Normal operation; 1: Activate testmode
D2
LED_open
0
W
Starts a test for open LEDs. (Can be set together with D1)
0: Normal operation; 1: Activate testmode
D3
LED_test
0
R
Indicates an ongoing open/short LED test
0: No ongoing LED test; 1: LED test in progress
D4
LED_global
0
R
Indicates that the last open/short LED test has detected an error
0: No error detected; 1: Error detected
D5
RSET_open
0
R
Checks if external resistor RSET is open
0: RSET correct; 1: RSET is open
D6
RSET_short
0
R
Checks if external resistor RSET is shorted
0: RSET correct; 1: RSET is shorted
D7
0
-
Not used
Table 16. LED Diagnostic Register Address
Register
HEX
Address
Segment
Register
HEX
Address
Segment
Digit
D7
D6
D5
D4
D3
D2
D1
D0
Digit
D7
D6
D5
D4
D3
D2
D1
D0
0x14
DIG0
DP
A
B
C
D
E
F
G
0x18
DIG4
DP
A
B
C
D
E
F
G
0x15
DIG1
0x19
DIG5
0x16
DIG2
0x1A
DIG6
0x17
DIG3
0x1B
DIG7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com