Electronic Components Datasheet Search
  English  ▼

X  

AS1312 Datasheet(PDF) 10 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 10 Page - ams AG

Back Button AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG AS1312 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
10 - 20
AS1312
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.4
Input Capacitor Selection
The input capacitor supports the triangular current during the on-time of the power switch, and maintains a broadly constant input voltage during
this time. The capacitance value is obtained from choosing a ripple voltage during the on-time of the power switch. Additionally, ripple voltage is
generated by the equivalent series resistance (ESR) of the capacitor. For worst case, use maximum peak current values from the datasheet.
(EQ 15)
Using TON = 1µs, and IPEAK = 400mA (typ), and VRIPPLE = 50mV, EQ 15 yields:
CIN = 8.0µF
Nearest preferred would be 10µF.
(EQ 16)
Typically, the ripple due to ESR is not dominant. ESR for the recommended capacitors (Murata GMR), ESR = 5m
Ω to 10mΩ. For the AS1312,
maximum peak current is 400mA. Ripple due to ESR is 2.0mV to 4.0mV.
Ripple at the input propagates through the common supply connections, and if too high in value can cause problems elsewhere in the system.
The input capacitance is an important component to get right.
8.1.5
Output Capacitor Selection
The output capacitor supports the triangular current during the off-time of the power switch (inductor discharge period), and also the load current
during the wait time (Region D in Figure 10) and on-time (Region A in Figure 10) of the power switch.
(EQ 17)
Note:
There is also a ripple component due to the equivalent series resistance (ESR) of the capacitor.
8.2 Summary
User Application Defines: VINmin, VINmax, VOUTmin, VOUTmax, ILOADmin, ILOADmax
Inductor Selection:
Select Max on-time = 0.5µs to 3µs for AS1312. Use (EQ 3) to calculate inductor value.
Use (EQ 5) to determine off-time.
Use (EQ 6) to check that power delivery matches load requirements assume 70% conversion efficiency.
Use (EQ 13) to find overall timing period value of T at min VIN and max VOUT for maximum load conditions.
Input Capacitor Selection: Choose a ripple value and use (EQ 14) to find the value.
Output Capacitor Selection: Determine TWAIT via (EQ 6) or (EQ 13), and use (EQ 16) to find the value.
C
IN
I
PEAK TO N
V
RIPPLE
-------------------------
=
ESR
PK
ESR
RIPPLE
PK
R
I
V
=
_
_
NOM
OUT
WAIT
ON
LOAD
OUT
V
T
T
I
C
_
)
99
.
0
1
(
)
(
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com