Electronic Components Datasheet Search
  English  ▼

X  

AS1312 Datasheet(PDF) 12 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 12 Page - ams AG

Back Button AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG AS1312 Datasheet HTML 14Page - ams AG AS1312 Datasheet HTML 15Page - ams AG AS1312 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
12 - 20
AS1312
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.1.1
Power-OK and Low-Battery-Detect Functionality
LBO goes low in startup mode as well as during normal operation if:
- The voltage at the LBI pin is below LBI threshold (0.6V). This can be used to monitor the battery voltage.
- LBI pin is connected to GND and VOUT is below 92.5% of its nominal value. LBO works as a power-OK signal in this case.
The LBI pin can be connected to a resistive-divider to monitor a particular definable voltage and compare it with a 0.6V internal reference. If LBI
is connected to GND an internal resistive-divider is activated and connected to the output. Therefore, the Power-OK functionality can be realized
with no additional external components.
The Power-OK feature is not active during shutdown and provides a power-on-reset function that can operate down to VIN = 0.7V. A capacitor to
GND may be added to generate a power-on-reset delay. To obtain a logic-level output, connect a pull-up resistor R3 from pin LBO to pin VOUT.
Larger values for this resistor will help to minimize current consumption; a 100k
Ω resistor is perfect for most applications (see Figure 13 on page
12).
For the circuit shown in the left of Figure 12, the input bias current into LBI is very low, permitting large-value resistor-divider networks while
maintaining accuracy. Place the resistor-divider network as close to the device as possible. Use a defined resistor for R2 and then calculate R1
as:
(EQ 18)
Where:
VLBI is 0.6V
Figure 12. Typical Application with adjustable Battery Monitoring
Figure 13. Typical Application with LBO working as Power-OK
R
1
R
2
V
IN
V
L BI
-----------
1
–
⋅
=
VIN
0.7V to 5.0V
AS1312
C2
22µF
On
Off
C1
22µF
GND
2
VOUT
2.5V to 5.0V
7
EN
8
VIN
4
VOUT
6
LBO
1
LBI
R3
Low Battery Detect
R1
R2
L1
6.8µH
LX
3
CREF
100nF
5
REF
VIN
0.7V to 5.0V
AS1312
C2
22µF
On
Off
C1
22µF
GND
2
VOUT
2.5V to 5.0V
7
EN
8
VIN
4
VOUT
6
LBO
1
LBI
R3
Low Battery Detect
L1
6.8µH
LX
3
CREF
100nF
5
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com