Electronic Components Datasheet Search
  English  ▼

X  

AS1326 Datasheet(PDF) 12 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 12 Page - ams AG

Back Button AS1326 Datasheet HTML 8Page - ams AG AS1326 Datasheet HTML 9Page - ams AG AS1326 Datasheet HTML 10Page - ams AG AS1326 Datasheet HTML 11Page - ams AG AS1326 Datasheet HTML 12Page - ams AG AS1326 Datasheet HTML 13Page - ams AG AS1326 Datasheet HTML 14Page - ams AG AS1326 Datasheet HTML 15Page - ams AG AS1326 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
11 - 18
AS1326
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 19. Typical AS1326A Application Circuit
Setting the Output Voltages
For a fixed 3.3V output, connect pin FB to GND. To set adjustable output voltages between 2.5 and 5.0V, connect a
resistor voltage-divider to pin FB from pin OUT to GND (Figure 20).
Figure 20. Application Circuit using External Feedback Resistors
For the circuit shown in Figure 20, the input bias current into FB is <20nA, permitting large-value resistor-divider net-
works while maintaining accuracy. Place the resistor-divider network as close to the device as possible. Use a
≤ 270kΩ
resistor for R2, then calculate R1 as:
Where:
VFB (the boost-regulator feedback set point) is 1.24V.
10Ω
9
POUT
10nF
33µF
AS1326A
10
ONN
6
CLK/SEL
1
ISET
2
REF
4
FB
3
GND
7
PGND
8
LX
3.3µH
+
VIN = 2.4V
5
OUT
100µF
+
330nF
VOUT = 3.3V
800mA
10Ω
9
POUT
10nF
33µF
AS1326A
10
ONN
6
CLK/SEL
1
ISET
2
REF
3
GND
7
PGND
8
LX
3.3µH
+
VIN = 2.4V
5
OUT
100µF
+
330nF
VOUT
R1
R2
4
FB
(EQ 1)
R1
R2
VOUT
VFB
--------------
1
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com