Electronic Components Datasheet Search
  English  ▼

X  

AS1326 Datasheet(PDF) 18 Page - ams AG

Part # AS1326
Description  High Current, 0.8A DC-DC Step-Up Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1326 Datasheet(HTML) 18 Page - ams AG

Back Button AS1326 Datasheet HTML 11Page - ams AG AS1326 Datasheet HTML 12Page - ams AG AS1326 Datasheet HTML 13Page - ams AG AS1326 Datasheet HTML 14Page - ams AG AS1326 Datasheet HTML 15Page - ams AG AS1326 Datasheet HTML 16Page - ams AG AS1326 Datasheet HTML 17Page - ams AG AS1326 Datasheet HTML 18Page - ams AG AS1326 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
www.austriamicrosystems.com
Revision 1.05
17 - 18
AS1326
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 10.
Note: All products are RoHS compliant and Pb-free.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
For further information and requests, please contact us mailto:sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 10. Ordering Information
Ordering Code
Marking
Description
Delivery Form
Package
AS1326A-BTDT
ASLG
Active-Low, High-Current, 0.8A
DC-DC Step-Up Converter
Tape & Reel
10-pin TDFN
(3.0mm x 3.0mm)
AS1326A-BTDR
ASLG
Active-Low, High-Current 0.8A
DC-DC Step-Up Converter
Tray
10-pin TDFN
(3.0mm x 3.0mm)
AS1326B-BTDT
ASLH
Active-High, High-Current 0.8A
DC-DC Step-Up Converter
Tape & Reel
10-pin TDFN
(3.0mm x 3.0mm)
AS1326B-BTDR
ASLH
Active-High, High-Current 0.8A
DC-DC Step-Up Converter
Tray
10-pin TDFN
(3.0mm x 3.0mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com