Electronic Components Datasheet Search
  English  ▼

X  

AS1332 Datasheet(PDF) 18 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 18 Page - ams AG

Back Button AS1332_07 Datasheet HTML 12Page - ams AG AS1332_07 Datasheet HTML 13Page - ams AG AS1332_07 Datasheet HTML 14Page - ams AG AS1332_07 Datasheet HTML 15Page - ams AG AS1332_07 Datasheet HTML 16Page - ams AG AS1332_07 Datasheet HTML 17Page - ams AG AS1332_07 Datasheet HTML 18Page - ams AG AS1332_07 Datasheet HTML 19Page - ams AG AS1332_07 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
17 - 19
AS1332
Datasheet - P a c k a g e D r a w i n g s a n d M a r k i n g s
10 Package Drawings and Markings
The device is available in a 8-pin WL-CSP
Figure 33. Package Drawings
1515 ±20µm
Top through view
Bottom view
(Ball side)
500
500
320 typ.
600 ±30µm
Notes:
ccc Coplanarity
All dimensions are in µm
40 typ.
240 typ.
40 µm
A
A
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com