Electronic Components Datasheet Search
  English  ▼

X  

AS1332 Datasheet(PDF) 5 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 5 Page - ams AG

  AS1332_07 Datasheet HTML 1Page - ams AG AS1332_07 Datasheet HTML 2Page - ams AG AS1332_07 Datasheet HTML 3Page - ams AG AS1332_07 Datasheet HTML 4Page - ams AG AS1332_07 Datasheet HTML 5Page - ams AG AS1332_07 Datasheet HTML 6Page - ams AG AS1332_07 Datasheet HTML 7Page - ams AG AS1332_07 Datasheet HTML 8Page - ams AG AS1332_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
4 - 19
AS1332
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TA = TJ = -40ºC to +85ºC; PVIN = VDD = EN = 3.6V, unless otherwise noted. Typ values are at TA = 25ºC.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB,MIN
Feedback Voltage at Minimum
Setting
VCON = 0.4V
1.21
1.30
1.39
V
VFB
Feedback Voltage
VCON = 1.1V
2.693
2.75
2.807
V
VFB,MAX
Feedback Voltage at Maximum
Setting
VCON = 1.4V
3.03
3.17
3.29
V
ISHDN
1
1. Shutdown current includes leakage current of PFET.
Shutdown Supply Current
EN = SW = VCON = 0V
0.01
2
µA
IQ
2
2. IQ specified here is when the part is operating at 100% duty cycle.
DC Bias Current into VDD
VCON = 1V, FB = 0V,
No Switching
11.4
mA
DC-DC Switches
ILIM,PFET
Switch Peak Current Limit
Current limit is built-in, fixed,
and not adjustable.
935
1100
1200
mA
RDSON(P)
Pin-Pin Resistance for PFET
ISW = 200mA; TA = +25°C
140
200
m
Ω
ISW = 200mA
230
RDSON(N)
Pin-Pin Resistance for NFET
ISW = -200mA; TA = +25°C
300
415
m
Ω
ISW = -200mA
485
Control Inputs
VIH,EN
Logic High Input Threshold
1.2
V
VIL,EN
Logic Low Input Threshold
0.5
V
IPIN,ENABLE Pin Pull Down Current
57
µA
VCON,min
VCON Threshold
Commanding VFB,MIN
VCON swept down
0.484
0.52
0.556
V
VCON,max
VCON Threshold
Commanding VFB,MAX
VCON swept up
1.208
1.27
1.312
V
ZCON
VCON Input Resistance
3
3. Derived by input leakage test.
TA = +25°C
100
k
Ω
ICON
Control Pin Leakage Current
-10
10
µA
Gain
VCON to VOUT Gain
0.556V
≤ VCON ≤ 1.208V
2.5
V/V
Oscillator
FOSC
Internal Oscillator Frequency
1.8
2
2.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com