Electronic Components Datasheet Search
  English  ▼

X  

AS1332 Datasheet(PDF) 12 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 12 Page - ams AG

Back Button AS1332 Datasheet HTML 8Page - ams AG AS1332 Datasheet HTML 9Page - ams AG AS1332 Datasheet HTML 10Page - ams AG AS1332 Datasheet HTML 11Page - ams AG AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG AS1332 Datasheet HTML 14Page - ams AG AS1332 Datasheet HTML 15Page - ams AG AS1332 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
11 - 19
AS1332
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
For driving RF power amplifiers in portable devices and battery powered RF devices the AS1332 is a very suitable DC-
DC converter. The AS1332 features current overload protection, thermal overload shutdown and soft start. Besides
these features the device also displays the following characteristics:
!
Current-mode buck architecture with synchronous rectification for high efficiency.
!
Operation at maximum efficiency over a wide range of power levels from a single Li-Ion battery cell.
!
The maximum load capability of 650mA is provided in PWM mode, wherein the maximum load range may vary
depending on input voltage, output voltage and the selected inductor.
!
Efficiency is of around 96% for a 400mA load with 3.16V output and 3.6V input.
!
For longer battery life, the output voltage can be dynamically programmable from 1.3V (typ) to 3.16V (typ) by
adjusting the voltage on the control pin without the need for external feedback resistors.
Figure 30. AS1332 Block Diagram
AS1332 is fabricated using a 8-pin WL-CSP, which requires special design considerations for implementation. Its fine
bumppitch requires careful board design and precision assembly equipment. This package offers the smallest possible
size, for space-critical applications such as cell phones, where board area is an important design consideration. The
size of the external components is reduced by using a high switching frequency (2MHz). For implementation only three
external power components are required (see Figure 1 on page 1). The 8-pin WL-CSP package is appropriate for
opaque case applications, where its edges are not subject to high intensity ambient red or infrared light. Also the
system controller should set EN low during power-up and other low supply voltage conditions. See Shutdown Mode on
page 13.
Mosfet
Control
Logic
Shutdown
Control
Main Control
Clamp
Logic and
Soft Start
Oscillator
Current
Sense
PVIN
VDD
FB
VCON
EN
SW
AGND
PGND
AS1332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com