Electronic Components Datasheet Search
  English  ▼

X  

AS1332 Datasheet(PDF) 15 Page - ams AG

Part # AS1332
Description  650mA, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1332 Datasheet(HTML) 15 Page - ams AG

Back Button AS1332 Datasheet HTML 11Page - ams AG AS1332 Datasheet HTML 12Page - ams AG AS1332 Datasheet HTML 13Page - ams AG AS1332 Datasheet HTML 14Page - ams AG AS1332 Datasheet HTML 15Page - ams AG AS1332 Datasheet HTML 16Page - ams AG AS1332 Datasheet HTML 17Page - ams AG AS1332 Datasheet HTML 18Page - ams AG AS1332 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1332
Revision 1.02
14 - 19
AS1332
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Through setting the voltage on the VCON pin (see Table 5) the output voltage of the AS1332 can be programmed from
1.3V (typ) to 3.16V (typ). This feature eliminates the need for external feedback resistors.
If the voltage on the control pin varies from 0.556V to 1.208V, the output voltage will change according to the equation
stated in Table 5. The output voltage is regulated at VFB,MIN as long as the voltage on the control pin is less than
0.484V. If the voltage on the control pin is higher than 1.312V, the output voltage is regulated at VFB,MAX.
Before the control voltage is fed to the error amplifier inputs, the control voltage is clamped internal in the device.
Table 5. Output Voltage Selection
VCON (V)
VOUT (V)
VCON
≤ 0.484
VFB,MIN
0.556 < VCON < 1.208
VOUT = 2.5 x VCON
VCON
≥ 1.312
VFB,MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com