Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 3 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 3 Page - ams AG

  AS1335 Datasheet HTML 1Page - ams AG AS1335 Datasheet HTML 2Page - ams AG AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
2 - 18
AS1335
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Number
Pin Name
Description
1VIN
Positive Supply Voltage. This pin must be closely decoupled to PGND with a
≥ 22µF
ceramic capacitor.
2NC
Not Connected.
3EN
Enable Input. Driving this pin above 1.4V enables the device. Driving this pin below 0.3V
puts the device in shutdown mode. In shutdown mode all functions are disabled, drawing
≤1µA supply current.
Note: This pin should not be left floating.
4POK
Power-OK Output. Open-drain output with 215ms delay. Connect a 100k
Ω pull-up resistor
to VOUT or pin VIN for logic levels. Leave this pin unconnected if the Power-OK feature is
not used.
LOW Signal: Out of regulation
HIGH signal: Within Regulation (after 215ms delay)
5GND
Analog Ground.
6RSI
Reset Input for POK. This input resets the 215ms timer of the POK signal.
As long as RSI is low the POK signal will work as described above.
A high input to RSI will reset the 215ms POK timer and delay the signal as long as RSI
stays high. A RSI low-to-high transition restarts the 215ms counter as long as the output
voltage is within regulation.
Note: Do not leave this pin floating.
7FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider tap to
this pin. The output can be adjusted from 0.6V to 5.25V by VOUT = 0.6V[1+(R1/R2)].
If the fixed output voltage version is used, connect this pin to VOUT.
8GND
Analog Ground. GND and PGND should only have one point connection.
9PGND
Power-Ground. Connect all power grounds to this pin.
10
SW
Switch Node Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.
11
Exposed Pad. The exposed pad must be connected to PGND. Ensure a good connection
to the PCB to achieve optimal thermal performance.
AS1335
4
POK
3
EN
2
NC
1
VIN
7 FB
9 PGND
10 SW
8GND
5
GND
6RSI
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com