Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 5 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 5 Page - ams AG

  AS1335 Datasheet HTML 1Page - ams AG AS1335 Datasheet HTML 2Page - ams AG AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com/DC-DC_Step-Down/AS1335
Revision 1.03
4 - 18
AS1335
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN = EN = 3.6V, VOUT = VIN-0.5V, TAMB = -40°C to +85°C, typ. values @ TAMB = +25ºC (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage Range
2.6
5.25
V
IQ
Quiescent Supply
Current
1
Normal Operation; VFB = 0.5V or VOUT =
90% of regulated output voltage,
ILOAD = 0 A
300
400
µA
IOUT
Output Current RMS
1.5
A
ISHDN
Shutdown Current
Shutdown Mode; VEN = 0V,
VIN = 4.2V
0.1
1
µA
Regulation
VOUT
Regulated Output
Voltage
fixed VOUT
0.975
1.0
1.025
V
adjustable VOUT
0.6
VIN -
0.5V
V
VFB
Regulated Feedback
Voltage
2,3
TAMB = +25°C
0.5880
0.6
0.6120
V
TAMB = -40°C to +85°C
0.5850
0.6
0.6150
IFB
Feedback Current
3
-30
+30
nA
ΔVLNR
Reference Voltage
Line Regulation
VIN = 2.6V to 5.25V
100
mV
ΔVLOADREG
Output Voltage
Load Regulation
ILOAD = 0A to 1.5A
100
mA
DC-DC Switches
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.5V or VOUT = 90% of
regulated output voltage,
Duty Cycle < 35%
2.4
A
RPFET
P-Channel FET RDS(ON)
ILSW = 100mA
0.4
Ω
RNFET
N-Channel FET RDS(ON)
ILSW = -100mA
0.35
Ω
ILSW
SW Leakage
VEN = 0V, VSW = 0V or 5V,
VIN = 5V
-1
0.01
+1
µA
Enable
VIH
Logic Input Threshold
Input High
1.4
V
VIL
Input Low
0.4
IEN
EN Leakage Current
VIN = 3.6V, VEN = 0V to 3.6V
-1
0.01
+1
µA
Power-OK Output
VPOK
Power Good Low
Voltage Threshold
Rising
89.5
92
94.5
%
VOUT
Falling
85
88
91
Power Good High
Voltage Threshold
Rising
108.2
110.7
113.2
%
VOUT
Falling
104
107
110
tDELAY
POK Delay Time
150
215
275
ms
VOL
POK Output Voltage
Low
ISINK = 1mA, VFB = 0.7V
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com