Electronic Components Datasheet Search
  English  ▼

X  

AS1337 Datasheet(PDF) 12 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 12 Page - ams AG

Back Button AS1337_09 Datasheet HTML 8Page - ams AG AS1337_09 Datasheet HTML 9Page - ams AG AS1337_09 Datasheet HTML 10Page - ams AG AS1337_09 Datasheet HTML 11Page - ams AG AS1337_09 Datasheet HTML 12Page - ams AG AS1337_09 Datasheet HTML 13Page - ams AG AS1337_09 Datasheet HTML 14Page - ams AG AS1337_09 Datasheet HTML 15Page - ams AG AS1337_09 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
11 - 15
AS1337
Datasheet - Application In form atio n
Component Selection
Only three power components are required to complete the design of the buck-boost converter, except the additional two resistors for the voltage
divider to set VOUT. The high operating frequency and low peak currents of the AS1337 allow the use of low value, low profile inductors and tiny
external ceramic capacitors.
Inductor Selection
The inductor should have low ESR to reduce the I²R power losses, and must be able to handle the peak inductor current without saturating.
High-frequency ferrite core inductor materials reduce frequency dependent power losses compared to less expensive powdered iron types,
which result in improved converter efficiency.
A 4.7µH to 15µH inductor value with a >850mA current rating and low DCR is recommended. For applications where radiated noise is a con-
cern, a toroidal or shielded inductor can be used.
Capacitor Selection
A 10µF capacitor is recommend for CIN as well as a 22µF for COUT. Small-sized ceramic capacitors are recommended. X5R and X7R ceramic
capacitors are recommend as they retain capacitance over wide ranges of voltages and temperatures.
Output Capacitor Selection
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they have extremely low
ESR and are available in small footprints. A 1 to 10µF output capacitor is sufficient for most applications. Larger values up to 22µF may be used
to obtain extremely low output voltage ripple and improve transient response.
An additional phase lead capacitor may be required with output capacitors larger than 10µF to maintain acceptable phase margin. X5R and X7R
dielectric materials are recommended due to their ability to maintain capacitance over wide voltage and temperature ranges.
Input Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic capacitors are recom-
mended for input decoupling and should be located as close to the device as is practical. A 4.7µF input capacitor is sufficient for most applica-
tions. Larger values may be used without limitations.
PCB Layout Guidelines
The high-speed operation of the AS1337 requires proper layout for optimum performance.
A large ground pin copper area will help to lower the device temperature.
A multi-layer board with a separate ground plane is recommended.
Traces carrying large currents should be direct.
Trace area at pin FB should be as small as is practical.
The lead-length to the battery should be as short as is practical.
Table 5. Recommended External Components
Name
Part Number
Value
Rating
Type
Size
Manufacturer
CIN
GRM219R60J106KE19
10µF
6.3V
X5R
0805
Murata
www.murata.com
COUT
GRM21BR60J226ME39
22µF
6.3V
X5R
0805
L1
MOS6020-472ML
4.7µH
1.82A
50m
Ω
6.8x6.0x2.4mm
Coilcraft
www.coilcraft.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com