Electronic Components Datasheet Search
  English  ▼

X  

AS1337 Datasheet(PDF) 6 Page - ams AG

Part # AS1337
Description  200mA, DC-DC Step-Up Converter with Buck Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337 Datasheet(HTML) 6 Page - ams AG

Back Button AS1337_09 Datasheet HTML 2Page - ams AG AS1337_09 Datasheet HTML 3Page - ams AG AS1337_09 Datasheet HTML 4Page - ams AG AS1337_09 Datasheet HTML 5Page - ams AG AS1337_09 Datasheet HTML 6Page - ams AG AS1337_09 Datasheet HTML 7Page - ams AG AS1337_09 Datasheet HTML 8Page - ams AG AS1337_09 Datasheet HTML 9Page - ams AG AS1337_09 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.05
5 - 15
AS1337
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VOUT = 3.3V, CIN = 10µF, COUT = 22µF, L1 = 4.7µH, TAMB = +25°C (unless otherwise specified).
Figure 3. Efficiency vs. IOUT - Down Conversion Mode
Figure 4. Efficiency vs. IOUT - Step-up Mode
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vin = 3.5V
Vin = 4.0V
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current (mA)
Vin = 1.5V
Vin = 2.0V
Vin = 3.0V
Figure 5. Efficiency vs. Input Voltage
Figure 6. Output Current vs. Input Voltage
30
40
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Input Voltage (V)
Iout = 1mA
Iout = 10mA
Iout = 30mA
Iout = 100mA
Iout = 200mA
0
100
200
300
400
500
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Input Voltage (V)
Figure 7. Min. Operating Voltage vs. Temperature
Figure 8. Switching Frequency vs. Temperature
0.35
0.45
0.55
0.65
0.75
0.85
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
0.9
1
1.1
1.2
1.3
1.4
1.5
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com