Electronic Components Datasheet Search
  English  ▼

X  

MCP131X Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP131X
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP131X Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP131X Datasheet HTML 17Page - Microchip Technology MCP131X Datasheet HTML 18Page - Microchip Technology MCP131X Datasheet HTML 19Page - Microchip Technology MCP131X Datasheet HTML 20Page - Microchip Technology MCP131X Datasheet HTML 21Page - Microchip Technology MCP131X Datasheet HTML 22Page - Microchip Technology MCP131X Datasheet HTML 23Page - Microchip Technology MCP131X Datasheet HTML 24Page - Microchip Technology MCP131X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
© 2007 Microchip Technology Inc.
DS21985B-page 21
MCP131X/2X
3
MCP1316,
MCP1316M,
MCP1317,
MCP1320
MR
I
ST
Manual Reset input for a Reset switch.
This input allows a push button switch to be directly con-
nected to the MCP131X/2X MR pin, which can then be
used to force a system Reset. This input filters (ignores)
noise pulses that occur on the MR pin.
L = Switch is depressed (shorted to ground). This forces
the RST/RST pins Active.
H = Switch is open (internal pull-up resistor pulls signal
high). State of the RST/RST pins determined by
other system conditions.
MCP1318,
MCP1318M,
MCP1319,
MCP1319M,
MCP1321,
MCP1322
RST
O
Push-Pull
Reset Output (active-high)
Goes active (High) if one of these conditions occurs:
1.
If VDD falls below the selected Reset voltage
threshold.
2.
If the MR pin is forced low.
3.
If the WDI pin does not detect an edge transition
within the minimum selected time out period.
4.
During power-up.
VDD Falling:
H = VDD < VTRIP
L = VDD > VTRIP
VDD Rising:
H = VDD < VTRIP + VHYS
L = VDD > VTRIP + VHYS
4
MCP1316,
MCP1316M,
MCP1317,
MCP1318,
MCP1318M,
MCP1320,
MCP1321
WDI
I
ST
Watchdog Timer Input
The WDT period is specified at the time of device order.
The Standard WDT period is 1.6s typical.
An edge transition on the WDI pin resets the Watchdog
Timer counter (no time out). A Falling Edge is required to
start the WDT Timer.
MCP1319,
MCP1319M,
MCP1322
MR
I
ST
Manual Reset input for a Reset switch.
This input allows a push button switch to be directly con-
nected to the MCP131X/2X MR pin, which can then be
used to force a system Reset. This input filters (ignores)
noise pulses that occur on the MR pin.
L = Switch is depressed (shorted to ground). This forces
the RST/RST pins Active.
H = Switch is open (internal pull-up resistor pulls signal
high). State of the RST/RST pins determined by
other system conditions.
5All
VDD
—
P
The positive supply for the device.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin No.
Device
Symbol
Pin
Type
Buffer/
Driver
Type
Function
SOT23-5
Note 1:
Open-Drain output with internal pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com