| Electronic Components Datasheet Search |
|
MCP131X Datasheet(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP131X Datasheet(HTML) 11 Page - Microchip Technology |
|
11 / 44 page ![]() © 2007 Microchip Technology Inc. DS21985B-page 11 MCP131X/2X 2.0 TYPICAL PERFORMANCE CURVES Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316; see Figure 4-1), TA = -40°C to +125°C. FIGURE 2-1: IDD vs. Temperature (Reset Power-up Timer Inactive and Watchdog Timer Inactive) (MCP1318M-4.6). FIGURE 2-2: IDD vs. Temperature (Reset Power-up Timer Inactive and Watchdog Timer Inactive) (MCP1319-2.9). FIGURE 2-3: IDD vs. Temperature (Reset Power-up Timer Inactive and Watchdog Timer Inactive) (MCP1316-2.0). FIGURE 2-4: IDD vs. Temperature (Reset Power-up Timer Active) (MCP1318M-4.6). FIGURE 2-5: IDD vs. Temperature (Reset Power-up Timer Active) (MCP1319-2.9). FIGURE 2-6: IDD vs. Temperature (Reset Power-up Timer Active) (MCP1316-2.0). Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. 0 0.2 0.4 0.6 0.8 1 1.2 -100 -50 0 50 100 150 Temperature (°C) 1.0V 1.5V 2.0V 3.0V 4.3V 4.5V 4.8V 5.0V 5.5V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -100 -50 0 50 100 150 Temperature (°C) 1.0V 1.5V 2.5V 2.7V 3.2V 4.0V 4.5V 5.0V 5.5V 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -100 -50 0 50 100 150 Temperature (°C) 1.0V 1.5V 1.8V 2.2V 2.5V 4.0V 4.5V 5.0V 5.5V 0 1 2 3 4 5 6 -100 -50 0 50 100 150 Temperature (°C) 4.8V 5.0V 5.5V 0 1 2 3 4 5 6 -100 -50 0 50 100 150 Temperature (°C) 3.2V 4.0V 4.5V 5.0V 5.5V 0 1 2 3 4 5 6 7 -100 -50 0 50 100 150 Temperature (°C) 2.2V 2.5V 4.0V 4.5V 5.0V 5.5V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |