Electronic Components Datasheet Search
  English  ▼

X  

MCP1612 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1612
Description  Single 1A, 1.4 MHz Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1612 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1612 Datasheet HTML 2Page - Microchip Technology MCP1612 Datasheet HTML 3Page - Microchip Technology MCP1612 Datasheet HTML 4Page - Microchip Technology MCP1612 Datasheet HTML 5Page - Microchip Technology MCP1612 Datasheet HTML 6Page - Microchip Technology MCP1612 Datasheet HTML 7Page - Microchip Technology MCP1612 Datasheet HTML 8Page - Microchip Technology MCP1612 Datasheet HTML 9Page - Microchip Technology MCP1612 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MCP1612
DS21921B-page 6
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VCC = VSHDN = 3.3V, COUT = CIN = 10 µF, L = 3.3 µH, ILOAD = 100 mA,
TA =+25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
FIGURE 2-1:
Efficiency vs. Load Current,
VIN = 3.3V.
FIGURE 2-2:
Efficiency vs. Load Current,
VIN = 5.0V.
FIGURE 2-3:
Output Voltage vs.
Load Current.
FIGURE 2-4:
Dropout Voltage vs.
Load Current.
FIGURE 2-5:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-6:
Oscillator Frequency vs.
Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current (mA)
VIN = 3.3V
VOUT = 1.2V
VOUT = 2.5V
VOUT = 1.8V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Load Current (mA)
VIN = 5.0V
VOUT = 3.3V
VOUT = 2.5V
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
200
400
600
800
1000
Load Current (mA)
VOUT = 3.3V, VIN = 5.0V
VOUT = 1.8V, VIN = 3.3V
VOUT = 1.2V VIN = 3.3V
0.00
0.10
0.20
0.30
0.40
0.50
0
200
400
600
800
1000
Load Current (mA)
VOUT = 2.7V
VOUT = 3.3V
3.5
4.0
4.5
5.0
5.5
6.0
6.5
2.5
3
3.54
4.555.5
Input Voltage (V)
VOUT = 1.8V
TA = -40
oC
TA = +25
oC
TA = +85
oC
1.36
1.37
1.38
1.39
1.40
1.41
1.42
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
T
A = -40
oC
TA = +25
oC
TA = +85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com