Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 91 Page - Altera Corporation

Part # EP2S15
Description  Section I. Stratix II Device Family Data Sheet
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 91 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 87Page - Altera Corporation EP2S15 Datasheet HTML 88Page - Altera Corporation EP2S15 Datasheet HTML 89Page - Altera Corporation EP2S15 Datasheet HTML 90Page - Altera Corporation EP2S15 Datasheet HTML 91Page - Altera Corporation EP2S15 Datasheet HTML 92Page - Altera Corporation EP2S15 Datasheet HTML 93Page - Altera Corporation EP2S15 Datasheet HTML 94Page - Altera Corporation EP2S15 Datasheet HTML 95Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 238 page
background image
Altera Corporation
2–83
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
Figure 2–56. DQS Phase-Shift Circuitry
Notes (1), (2), (3), (4)
Notes to Figure 2–56:
(1)
There are up to 18 pairs of DQS and DQSn pins available on the top or the bottom of the Stratix II device. There are
up to 10 pairs on the right side and 8 pairs on the left side of the DQS phase-shift circuitry.
(2)
The
Δt module represents the DQS logic block.
(3)
Clock pins CLK[15..12]p feed the phase-shift circuitry on the top of the device and clock pins CLK[7..4]p feed
the phase circuitry on the bottom of the device. You can also use a PLL clock output as a reference clock to the phase-
shift circuitry.
(4)
You can only use PLL 5 to feed the DQS phase-shift circuitry on the top of the device and PLL 6 to feed the DQS
phase-shift circuitry on the bottom of the device.
These dedicated circuits combined with enhanced PLL clocking and
phase-shift ability provide a complete hardware solution for interfacing
to high-speed memory.
f
For more information on external memory interfaces, refer to the
External Memory Interfaces in Stratix II & Stratix II GX Devices chapter in
volume 2 of the Stratix II Device Handbook or the Stratix II GX Device
Handbook.
Programmable Drive Strength
The output buffer for each Stratix II device I/O pin has a programmable
drive strength control for certain I/O standards. The LVTTL, LVCMOS,
SSTL, and HSTL standards have several levels of drive strength that the
user can control. The default setting used in the Quartus II software is the
maximum current strength setting that is used to achieve maximum I/O
performance. For all I/O standards, the minimum setting is the lowest
drive strength that guarantees the IOH/IOL of the standard. Using
minimum settings provides signal slew rate control to reduce system
noise and signal overshoot.
DQS
Pin
DQSn
Pin
DQSn
Pin
DQS
Pin
DQS
Pin
DQSn
Pin
DQS
Pin
DQSn
Pin
From PLL 5 (3)
CLK[15..12]p (2)
to IOE
to IOE
to IOE
to IOE
to IOE
to IOE
to IOE
Δt
Δt
Δt
Δt
Δt
Δt
Δt
to IOE
DQS
Phase-Shift
Circuitry
Δt
DQS Logic
Blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com