Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 21 Page - Altera Corporation

Part # EP2S15
Description  Section I. Stratix II Device Family Data Sheet
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 17Page - Altera Corporation EP2S15 Datasheet HTML 18Page - Altera Corporation EP2S15 Datasheet HTML 19Page - Altera Corporation EP2S15 Datasheet HTML 20Page - Altera Corporation EP2S15 Datasheet HTML 21Page - Altera Corporation EP2S15 Datasheet HTML 22Page - Altera Corporation EP2S15 Datasheet HTML 23Page - Altera Corporation EP2S15 Datasheet HTML 24Page - Altera Corporation EP2S15 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 238 page
background image
Altera Corporation
2–13
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
datae1
and dataf1 are utilized, the output drives to register1
and/or bypasses register1 and drives to the interconnect using the
bottom set of output drivers. The Quartus II Compiler automatically
selects the inputs to the LUT. Asynchronous load data for the register
comes from the datae or dataf input of the ALM. ALMs in normal
mode support register packing.
Figure 2–9. 6-Input Function in Normal Mode
Notes (1), (2)
Notes to Figure 2–9:
(1)
If datae1 and dataf1 are used as inputs to the six-input function, then datae0
and dataf0 are available for register packing.
(2)
The dataf1 input is available for register packing only if the six-input function is
un-registered.
Extended LUT Mode
The extended LUT mode is used to implement a specific set of
seven-input functions. The set must be a 2-to-1 multiplexer fed by two
arbitrary five-input functions sharing four inputs. Figure 2–10 shows the
template of supported seven-input functions utilizing extended LUT
mode. In this mode, if the seven-input function is unregistered, the
unused eighth input is available for register packing.
Functions that fit into the template shown in Figure 2–10 occur naturally
in designs. These functions often appear in designs as “if-else” statements
in Verilog HDL or VHDL code.
6-Input
LUT
dataf0
datae0
dataa
datab
datac
datad
datae1
dataf1
DQ
DQ
To general or
local routing
To general or
local routing
To general or
local routing
reg0
reg1
These inputs are available for register packing.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com