Electronic Components Datasheet Search
  English  ▼

X  

MCP9510 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 20Page - Microchip Technology MCP9510 Datasheet HTML 21Page - Microchip Technology MCP9510 Datasheet HTML 22Page - Microchip Technology MCP9510 Datasheet HTML 23Page - Microchip Technology MCP9510 Datasheet HTML 24Page - Microchip Technology MCP9510 Datasheet HTML 25Page - Microchip Technology MCP9510 Datasheet HTML 26Page - Microchip Technology MCP9510 Datasheet HTML 27Page - Microchip Technology MCP9510 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 23
MCP9509/10
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9509H: Resistor Programmable Temperature Switch,
Hot Option
MCP9509C
Resistor Programmable Temperature Switch,
Cold Option
MCP9510H: Resistor Programmable Temperature Switch,
Hot Option
MCP9510C
Resistor Programmable Temperature Switch,
Cold Option
Temperature Range:
E
= -40°C to +125°C
Package:
CH = Plastic Small Outline Transistor (SOT-23), 6-lead
(MCP9510 only)
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP9509)
PART NO.
-X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP9509CT-E/OT: Cold option,
Extended Temp.,
5LD SOT-23 package.
b)
MCP9509HT-E/OT: Hot option,
Extended Temp.,
5LD SOT-23 package.
a)
MCP9510C-E/CH: Cold option,
Extended Temp.,
6LD SOT-23 package.
b)
MCP9510H-E/CH: Hot option,
Extended Temp.,
6LD SOT-23 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com