Electronic Components Datasheet Search
  English  ▼

X  

MCP9510 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 12Page - Microchip Technology MCP9510 Datasheet HTML 13Page - Microchip Technology MCP9510 Datasheet HTML 14Page - Microchip Technology MCP9510 Datasheet HTML 15Page - Microchip Technology MCP9510 Datasheet HTML 16Page - Microchip Technology MCP9510 Datasheet HTML 17Page - Microchip Technology MCP9510 Datasheet HTML 18Page - Microchip Technology MCP9510 Datasheet HTML 19Page - Microchip Technology MCP9510 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MCP9509/10
DS22114A-page 16
© 2008 Microchip Technology Inc.
4.6
Application Information
The MCP9509/10 temperature switch integrates a
temperature sensor and a comparator circuit which out-
puts an alert signal when the user programmed tem-
perature threshold is exceeded. The external resistor
value to set the output threshold can be determined
using Table 4-2. A constant current source ISET = 5 µA
(typical) biases the external resistor RSET. A thermal
diode is used to measure ambient temperature. When
the voltage across the thermal diode exceeds the volt-
age across RSET, VSET, the sensor output asserts. The
sensor output de-asserts when the diode voltage drops
below VSET and the user selected hysteresis level.
The MCP9509/10 provide Open-drain output where
multiple sensors from multiple PCB hot-spots can be
connected to a single processor I/O input with a
wired-Or Configuration. The MCP9509 requires an
external pull-up resistor which can be used to level-shift
the alert signal. For example, if the sensors are
powered with 5VDD and the controller or processor is
powered with 3VDD, the external resistor can be
level-shifted by connecting 3VDD to the pull-up resistor
as shown in Figure 4-5. The MCP9510 elliminates the
need for an external resistor while providing wired-Or
function (Figure 4-6). The MCP9510 also provides
push-pull output configuration for a direct connection to
the processor with Active-Low or Active-High assert
polarities.
FIGURE 4-5:
MCP9509 Wired-Or Output
Configuration with Level-shift.
FIGURE 4-6:
MCP9510 Wired-Or Output
Configuration with Internal Pull-up Resistor.
4.6.1
LAYOUT CONSIDERATION AND
THERMAL CONSIDERATION
This family of sensors measure temperature by moni-
toring the voltage level of a thermal diode located in the
die. A low-impedance thermal path between the die
and the PCB is provided by the pins. Therefore, the
sensor effectively monitors PCB temperature. For
efficient performance, it is recommended to layout the
device as close to the heat source as possible. It is also
recommended to use a de-coupling capacitor of 0.1 µF
to 1 µF between VDD and GND pins for stability.
When connecting an external resistor to the MCP9509
device, the current through the pull-up resistor must be
considered to prevent self-heat due to power. This can
be determined using Equation 4-3.
EQUATION 4-3:
EFFECT OF
SELF-HEATING
SET
OUT
HYST
5VDD
SET
RSET
OUT
HYST
5VDD
I/O
3VDD
RPULL_UP
Micro-
controller
RSET
MCP9509
MCP9509
3VDD
SET
OUT
HYST
5VDD
SET
RSET
OUT
HYST
5VDD
I/O
Micro-
controller
RSET
MCP9510
MCP9510
OUTSET
OUTSET
5VDD
Where:
TJ
=
Junction Temperature
TA
=
Ambient Temperature
θ
JA
=
Package Thermal Resistance
(220.7 °C/W)
VOL
=
Sensor Output Low Voltage
IOUT
=
Output Current
T
J
T
A
–
θ
JA VDD
I
DD
×
V
OL
I
OUT
×
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com