Electronic Components Datasheet Search
  English  ▼

X  

MCP97001 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP97001
Description  Low-Power Linear Active Thermistor ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP97001 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP97001 Datasheet HTML 5Page - Microchip Technology MCP97001 Datasheet HTML 6Page - Microchip Technology MCP97001 Datasheet HTML 7Page - Microchip Technology MCP97001 Datasheet HTML 8Page - Microchip Technology MCP97001 Datasheet HTML 9Page - Microchip Technology MCP97001 Datasheet HTML 10Page - Microchip Technology MCP97001 Datasheet HTML 11Page - Microchip Technology MCP97001 Datasheet HTML 12Page - Microchip Technology MCP97001 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21942B-page 9
MCP9700/01
4.4
Thermal Considerations
The MCP9700/01 measures temperature by monitor-
ing the voltage of a diode located in the die. A
low-impedance thermal path between the die and the
PCB
is
provided
by
the
pins.
Therefore,
the
MCP9700/01 effectively monitors the temperature of
the PCB. However, the thermal path for the ambient air
is not as efficient because the plastic device package
functions as a thermal insulator from the die. This limi-
tation applies to plastic-packaged silicon temperature
sensors. If the application requires measuring ambient
air, the PCB needs to be designed with proper thermal
conduction to the sensor pins.
The MCP9700/01 is designed to source/sink 100 µA
(max.). The power dissipation due to the output current
is relatively insignificant. The effect of the output
current can be described using Equation 5-1.
EQUATION 4-2:
EFFECT OF
SELF-HEATING
At TA = +25°C (VOUT = 0.75V) and maximum specifica-
tion of IDD =12µA, VDD = 5.5V and IOUT = +100 µA,
the self-heating due to power dissipation (TJ – TA) is
0.179°C.
T
J
T
A
–
θ
JA VDDIDD
V
DD
V
OUT
–
()
+
I
OUT
()
=
Where:
TJ = Junction Temperature
TA = Ambient Temperature
θ
JA = Package Thermal Resistance
(331°C/W)
VOUT = Sensor Output Voltage
IOUT = Sensor Output Current
IDD = Operating Current
VDD = Operating Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com