Electronic Components Datasheet Search
  English  ▼

X  

MCP97001 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP97001
Description  Low-Power Linear Active Thermistor ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP97001 Datasheet(HTML) 1 Page - Microchip Technology

  MCP97001 Datasheet HTML 1Page - Microchip Technology MCP97001 Datasheet HTML 2Page - Microchip Technology MCP97001 Datasheet HTML 3Page - Microchip Technology MCP97001 Datasheet HTML 4Page - Microchip Technology MCP97001 Datasheet HTML 5Page - Microchip Technology MCP97001 Datasheet HTML 6Page - Microchip Technology MCP97001 Datasheet HTML 7Page - Microchip Technology MCP97001 Datasheet HTML 8Page - Microchip Technology MCP97001 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21942B-page 1
MCP9700/01
Features
• Tiny Analog Temperature Sensor
• Available Packages: SC70-5
• Wide Temperature Measurement Range:
- -40°C to +125°C
• Accuracy: ±4°C (max.), 0°C to +70°C
• Optimized for Analog-to-Digital Converters
(ADCs):
- MCP9700: 10.0 mV/°C (typ.)
- MCP9701: 19.5 mV/°C (typ.)
• Wide Operating Voltage Range:
- MCP9700: VDD = 2.3V to 5.5V
- MCP9701: VDD = 3.1V to 5.5V
• Low Operating Current: 6 µA (typ.)
• Optimized to Drive Large Capacitive Loads
Typical Applications
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Home Appliance
• Office Equipment
• Battery Packs and Portable Equipment
• General Purpose Temperature Monitoring
Description
The
MCP9700/01
Linear
Active
Thermistor™
Intergrated Circuit (IC) is an analog temperature sen-
sor that converts temperature to analog voltage. It’s a
low-cost, low-power sensor with an accuracy of ±4°C
from 0°C to +70°C while consuming 6 µA (typ.) of
operating current.
Unlike resistive sensors (such as thermistors), the
Linear Active Thermistor IC does not require an
additional signal-conditioning circuit. Therefore, the
biasing circuit development overhead for thermistor
solutions can be avoided by implementing this
low-cost device. The voltage output pin (VOUT) can be
directly
connected
to
the
ADC
input
of
a
microcontroller.
The
MCP9700
and
MCP9701
temperature coefficients are scaled to provide a
1 °C/bit resolution for an 8-bit ADC with a reference
voltage of 2.5V and 5V, respectively.
The MCP9700/01 provides a low-cost solution for
applications that require measurement of a relative
change of temperature. When measuring relative
change in temperature from +25°C, an accuracy of
±1°C (typ.) can be realized from 0°C to +70°C. This
accuracy can also be achieved by applying system
calibration at +25°C.
In addition, this family is immune to the effects of
parasitic capacitance and can drive large capacitive
loads. This provides Printed Circuit Board (PCB) layout
design flexibility by enabling the device to be remotely
located
from
the
microcontroller.
Adding
some
capacitance at the output also helps the output
transient
response
by
reducing
overshoots
or
undershoots. However, capacitive load is not required
for sensor output stability.
Package Type
Typical Application Circuit
GND
VDD
VOUT
NC
4
1
2
3
5
SC70-5
NC
GND
VDD
MCP9700/01
PICmicro®
MCU
ANI
MCLR
VDD
10 k
Ω
VSS
VDD
VOUT
Cbypass
VDD
0.1 µF
Low-Power Linear Active Thermistor™ ICs


Similar Part No. - MCP97001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
265Kb / 18P
Low-Power Voltage Output Temperature Sensor
2005
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
735Kb / 26P
Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700 Datasheet
625Kb / 22P
Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP97001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
INDUSTRIAL LINEAR ICS
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_06 Datasheet
942Kb / 18P
Low-Power Linear Active Thermistor??ICs
2006
logo
KOA Speer Electronics, ...
LT732A KOA-LT732A Datasheet
90Kb / 2P
linear positive tempco thermistor
LT732AT KOA-LT732AT Datasheet
76Kb / 4P
Linear Positive Tempco Thermistor
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_09 Datasheet
757Kb / 24P
Low-Power Linear Active Thermistor??ICs
2009
logo
KOA Speer Electronics, ...
LT16CT26A102J3600 KOA-LT16CT26A102J3600 Datasheet
251Kb / 2P
linear positive miniature tempco thermistor
LT732BTTD101J1000 KOA-LT732BTTD101J1000 Datasheet
249Kb / 2P
linear positive tempco thermistor
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700_16 Datasheet
384Kb / 22P
Low-Power Linear Active Thermistor ICs
07/14/15
MCP9700 MICROCHIP-MCP9700_V01 Datasheet
625Kb / 22P
Low-Power Linear Active Thermistor ICs
Revision G June 2016
MCP970X MICROCHIP-MCP970X Datasheet
735Kb / 26P
Low-Power Linear Active Thermistor ICs
Revision J November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com