Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 10 Page - Altera Corporation

Part # EPC8
Description  Enhanced Configuration (EPC) Devices Datasheet
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation EPC8 Datasheet HTML 10Page - Altera Corporation EPC8 Datasheet HTML 11Page - Altera Corporation EPC8 Datasheet HTML 12Page - Altera Corporation EPC8 Datasheet HTML 13Page - Altera Corporation EPC8 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Page 10
Functional Description
Enhanced Configuration (EPC) Devices Datasheet
January 2012
Altera Corporation
Fast Passive Parallel Configuration
Stratix series and APEX II devices can be configured using the EPC device in the FPP
configuration mode. In this mode, the EPC device sends a byte of data on the
DATA[7..0]
pins, which connect to the DATA[7..0] input pins of the FPGA, per DCLK
cycle. Stratix series and APEX II FPGAs receive byte-wide configuration data per DCLK
cycle. Figure 2 shows the EPC device in FPP configuration mode. In this figure, the
external flash interface is not used and hence most flash pins are left unconnected
(with the few noted exceptions).
f For more information about configuration interface connections including the pull-up
resistor values, supply voltages, and MSEL pin settings, refer to the configuration
chapter in the appropriate device handbook.
Figure 2. FPP Configuration
Notes to Figure 2:
(1) The VCC should be connected to the same supply voltage as the EPC device.
(2) The nINIT_CONF pin is available on EPC devices and has an internal pull-up resistor that is always active. This means an external pull-up
resistor is not required on the nINIT_CONF or nCONFIG signal. The nINIT_CONF pin does not need to be connected if its functionality is not
used. If nINIT_CONF is not used, nCONFIG must be pulled to VCC either directly or through a resistor.
(3) The EPC devices’ OE and nCS pins have internal programmable pull-up resistors. If internal pull-up resistors are used, external pull-up resistors
should not be used on these pins. The internal pull-up resistors are used by default in the QuartusII software. To turn off the internal pull-up
resistors, check the Disable nCS and OE pull-ups on configuration device option when generating programming files.
(4) For PORSEL, PGM[], and EXCLK pin connections, refer to Table 10 on page 24.
(5) In the 100-pin PQFP package, you must externally connect the following pins: C-A0 to F-A0, C-A1 to F-A1, C-A15 to F-A15, C-A16 to
F-A16
, and BYTE# to VCC. Additionally, you must make the following pin connections in both 100-pin PQFP and 88-pin UFBGA packages: C-RP#
to F-RP#, C-WE# to F-WE#, TM1 to VCC, TM0 to GND, and WP# to VCC.
(6) Connect the FPGA MSEL[] input pins to select the FPP configuration mode. For more information, refer to the configuration chapter in the
appropriate device handbook.
(7) To protect Intel Flash-based EPC devices content, isolate the VCCW supply from VCC. For more information, refer to “Intel Flash-Based EPC Device
Protection” on page 16.
EPC Device
DCLK
DATA[7..0]
OE
nCS
nINIT_CONF (2)
MSEL
DCLK
DATA[7..0]
nSTATUS
CONF_DONE
nCONFIG
VCC
VCC
GND
GND
(3)
(3)
nCE
EXCLK
Stratix Series
or
APEX II Device
WE#C
RP#C
WP#
PORSEL
PGM[2..0]
TMO
WE#F
RP#F
A[20..0]
RY/BY#
CE#
OE#
DQ[15..0]
VCC
N.C.
N.C.
N.C.
N.C.
N.C.
BYTE# (5)
TM1
(3)
(3)
C-A0 (5)
C-A1 (5)
C-A15 (5)
C-A16 (5)
A0-F
A1-F
A15-F
A16-F
(1)
(1)
n
(6)
(1)
nCEO
N.C.
(4)
(4)
(4)
VCCW
VCC (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com