| Electronic Components Datasheet Search |
|
EPC8 Datasheet(PDF) 16 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPC8 Datasheet(HTML) 16 Page - Altera Corporation |
|
16 / 36 page ![]() Page 16 Functional Description Enhanced Configuration (EPC) Devices Datasheet January 2012 Altera Corporation Intel Flash-Based EPC Device Protection In the absence of the lock bit protection feature in the EPC4, EPC8, and EPC16 devices with Intel flash, Altera recommends four methods to protect the Intel Flash content in EPC4, EPC8, and EPC16 devices. Any method alone is sufficient to protect the flash. The methods are listed here in the order of descending protection level: 1. Using an RP# of less than 0.3 V on power-up and power-down for a minimum of 100 ns to a maximum 25 ms disables all control pins, making it impossible for a write to occur. 2. Using VPP < VPPLK, where the maximum value of VPPLK is 1 V, disables writes. VPP < VPPLK means programming or writes cannot occur. VPP is a programming supply voltage input pin on the Intel flash. VPP is equivalent to the VCCW pin on EPC devices. 3. Using a high CE# disables the chip. The requirement for a write is a low CE# and low WE#. A high CE# by itself prevents writes from occurring. 4. Using a high WE# prevent writes because a write only occurs when the WE# is low. Performing all four methods simultaneously is the safest protection for the flash content. The following lists the ideal power-up sequence: 1. Power up VCC. 2. Maintain VPP< VPPLK until VCC is fully powered up. 3. Power up VPP. 4. Drive RP# low during the entire power-up process. RP# must be released high within 25 ms after VPP is powered up. 1 CE# and WE# must be high for the entire power-up sequence. The following lists the ideal power-down sequence: 1. Drive RP# low for 100 ns before power-down. 2. Power down VPP < VPPLK. 3. Power down VCC. 4. Drive RP# low during the entire power-down process. 1 CE# and WE# must be high for the entire power-down sequence. The RP# pin is not internally connected to the controller. Therefore, an external loop-back connection between C-RP# and F-RP# must be made on the board even when you are not using the external device to the RP# pin with the loop-back connection. Always tri-state RP# when the flash is not in use. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |