Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62X Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F62X
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F62X Datasheet HTML 1Page - Microchip Technology PIC16F62X Datasheet HTML 2Page - Microchip Technology PIC16F62X Datasheet HTML 3Page - Microchip Technology PIC16F62X Datasheet HTML 4Page - Microchip Technology PIC16F62X Datasheet HTML 5Page - Microchip Technology PIC16F62X Datasheet HTML 6Page - Microchip Technology PIC16F62X Datasheet HTML 7Page - Microchip Technology PIC16F62X Datasheet HTML 8Page - Microchip Technology PIC16F62X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 1
PIC16C63A/65B/73B/74B
Devices included in this data sheet:
PIC16CXX Microcontroller Core Features:
• High performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• 4 K x 14 words of Program Memory,
192 x 8 bytes of Data Memory (RAM)
• Interrupt capability
• Eight-level deep hardware stack
• Direct, indirect and relative addressing modes
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power-saving SLEEP mode
• Selectable oscillator options
• Low power, high speed CMOS EPROM
technology
• Wide operating voltage range: 2.5V to 5.5V
• High Sink/Source Current 25/25 mA
• Commercial, Industrial and Automotive
temperature ranges
• Low power consumption:
- < 5 mA @ 5V, 4 MHz
-23
µA typical @ 3V, 32 kHz
-< 1.2
µA typical standby current
PIC16C7X Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler
can be incremented during SLEEP via external
crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM modules
- Capture is 16-bit, max. resolution is 200 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• 8-bit multichannel Analog-to-Digital converter
• Synchronous Serial Port (SSP) with SPITM
and I2CTM
• Universal Synchronous Asynchronous Receiver
Transmitter (USART/SCI)
• Parallel Slave Port (PSP), 8-bits wide with
external RD, WR and CS controls
• Brown-out detection circuitry for Brown-out Reset
(BOR)
Pin Diagram:
• PIC16C63A
• PIC16C73B
• PIC16C65B
• PIC16C74B
Devices
I/O
Pins
A/D
Chan.
PSP
Interrupts
PIC16C63A
22
-
No
10
PIC16C65B
33
-
Yes
11
PIC16C73B
22
5
No
11
PIC16C74B
33
8
Yes
12
PDIP, Windowed CERDIP
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
RD3/PSP3
RD2/PSP2
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
RA5/SS/AN4
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RD0/PSP0
RD1/PSP1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
8-Bit CMOS Microcontrollers with A/D Converter


Similar Part No. - PIC16F62X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F62X MICROCHIP-PIC16F62X Datasheet
1Mb / 160P
FLASH-Based 8-Bit CMOS Microcontrollers
1999
PIC16F62X MICROCHIP-PIC16F62X Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
2003
PIC16F62X MICROCHIP-PIC16F62X Datasheet
282Kb / 20P
Silicon/Data Sheet Errata
2002
PIC16F62X MICROCHIP-PIC16F62X Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
12/05/02
PIC16F62X-04/P MICROCHIP-PIC16F62X-04/P Datasheet
4Mb / 170P
FLASH-Based 8-Bit CMOS Microcontroller
2003
More results

Similar Description - PIC16F62X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C71X MICROCHIP-PIC16C71X Datasheet
1Mb / 176P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16C72 MICROCHIP-PIC16C72 Datasheet
1Mb / 124P
8-Bit CMOS Microcontrollers with A/D Converter
1998
PIC16C7X MICROCHIP-PIC16C7X Datasheet
2Mb / 288P
8-Bit CMOS Microcontrollers with A/D Converter
1997 - 1999
PIC16LC74B-16 MICROCHIP-PIC16LC74B-16 Datasheet
329Kb / 41P
8-Bit CMOS Microcontrollers with A/D Converter
1999 - 2002
PIC16C63A MICROCHIP-PIC16C63A_13 Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16C72 MICROCHIP-PIC16C72_13 Datasheet
1Mb / 128P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12 1998-2013
PIC16LC63A-04SO MICROCHIP-PIC16LC63A-04SO Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C63A-20-SP MICROCHIP-PIC16C63A-20-SP Datasheet
1Mb / 186P
8-Bit CMOS Microcontrollers with A/D Converter
11/29/12
PIC16C74A-04P MICROCHIP-PIC16C74A-04P Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
PIC16C74A-10 MICROCHIP-PIC16C74A-10 Datasheet
2Mb / 184P
8-Bit CMOS Microcontrollers with A/D Converter
10/01/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com