Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62X Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F62X
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F62X Datasheet HTML 1Page - Microchip Technology PIC16F62X Datasheet HTML 2Page - Microchip Technology PIC16F62X Datasheet HTML 3Page - Microchip Technology PIC16F62X Datasheet HTML 4Page - Microchip Technology PIC16F62X Datasheet HTML 5Page - Microchip Technology PIC16F62X Datasheet HTML 6Page - Microchip Technology PIC16F62X Datasheet HTML 7Page - Microchip Technology PIC16F62X Datasheet HTML 8Page - Microchip Technology PIC16F62X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 184 page
background image
PIC16C63A/65B/73B/74B
DS30605C-page 2
 2000 Microchip Technology Inc.
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
RA5/SS/AN4
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2
RC2/CCP1
RC3/SCK/SCL
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7/RX/DT
RC6/TX/CK
RC5/SDO
RC4/SDI/SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SDIP, SOIC, Windowed CERDIP
RB3
RB2
RB1
RB0/INT
VDD
VSS
RD7/PSP7
RD6/PSP6
RD5/PSP5
RD4/PSP4
RC7/RX/DT
RA4/T0CKI
RA5/SS/AN4
RE0/RD/AN5
RE1/WR/AN6
RE2/CS/AN7
VDD
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
NC
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
PIC16C65B
NC
RC0/T1OSO/T1CKI
OSC2/CLKOUT
OSC1/CLKIN
VSS
VDD
RE2/CS/AN7
RE1/WR/AN6
RE0/RD/AN5
RA5/SS/AN4
RA4/T0CKI
RC7/RX/DT
RD4/PSP4
RD5/PSP5
RD6/PSP6
RD7/PSP7
VSS
VDD
RB0/INT
RB1
RB2
RB3
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
MQFP
PLCC
PIC16C74B
TQFP
PIC16C65B
PIC16C74B
Key Features
PICmicro™ Mid-Range MCU Family
Reference Manual (DS33023)
PIC16C63A
PIC16C65B
PIC16C73B
PIC16C74B
Program Memory (EPROM) x 14
4 K
4 K
4 K
4 K
Data Memory (Bytes) x 8
192
192
192
192
Pins
28
40
28
40
Parallel Slave Port
—
Yes
—
Yes
Capture/Compare/PWM Modules
2
2
2
2
Timer Modules
3
3
3
3
A/D Channels
——
58
Serial Communication
SPI/I2C, USART
SPI/I2C, USART
SPI/I2C, USART
SPI/I2C, USART
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
Yes
Yes
Yes
Interrupt Sources
10
11
11
12
Packages
28-pin SDIP, SOIC,
SSOP,
Windowed CERDIP
40-pin PDIP;
44-pin PLCC,
MQFP, TQFP,
Windowed CERDIP
28-pin SDIP, SOIC,
SSOP,
Windowed CERDIP
40-pin PDIP;
44-pin PLCC,
MQFP, TQFP,
Windowed CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com