Electronic Components Datasheet Search
  English  ▼

X  

PIC16F72 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F72
Description  28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 3Page - Microchip Technology PIC16F72 Datasheet HTML 4Page - Microchip Technology PIC16F72 Datasheet HTML 5Page - Microchip Technology PIC16F72 Datasheet HTML 6Page - Microchip Technology PIC16F72 Datasheet HTML 7Page - Microchip Technology PIC16F72 Datasheet HTML 8Page - Microchip Technology PIC16F72 Datasheet HTML 9Page - Microchip Technology PIC16F72 Datasheet HTML 10Page - Microchip Technology PIC16F72 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 136 page
background image
© 2007 Microchip Technology Inc.
DS39597C-page 5
PIC16F72
1.0
DEVICE OVERVIEW
This document contains device specific information for
the operation of the PIC16F72 device. Additional infor-
mation may be found in the PIC™ Mid-Range MCU
Reference Manual (DS33023), which may be down-
loaded from the Microchip website. The Reference
Manual should be considered a complementary docu-
ment to this data sheet, and is highly recommended
reading for a better understanding of the device archi-
tecture and operation of the peripheral modules.
The PIC16F72 belongs to the Mid-Range family of the
PIC devices. A block diagram of the device is shown in
Figure 1-1.
The program memory contains 2K words, which trans-
late to 2048 instructions, since each 14-bit program
memory word is the same width as each device
instruction. The data memory (RAM) contains 128 bytes.
There are 22 I/O pins that are user configurable on a
pin-to-pin basis. Some pins are multiplexed with other
device functions. These functions include:
• External interrupt
• Change on PORTB interrupt
• Timer0 clock input
• Timer1 clock/oscillator
• Capture/Compare/PWM
• A/D converter
• SPI/I2C
Table 1-1 details the pinout of the device with
descriptions and details for each pin.
FIGURE 1-1:
PIC16F72 BLOCK DIAGRAM
FLASH
Memory
2K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8-Level Stack
(13-bit)
RAM
File
Registers
128 x 8
Direct Addr
7
RAM Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKI
OSC2/CLKO
MCLR
VDD, VSS
Timer0
A/D
Synchronous
Serial Port
PORTA
PORTC
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6
RC7
8
8
Brown-out
Reset
Note 1: Higher order bits are from the STATUS register.
CCP1
Timer1
Timer2
RA4/T0CKI
RA5/AN4/SS
RA3/AN3/VREF
RA2/AN2
RA1/AN1
RA0/AN0
8
3
Program
PORTB
RB0/INT
RB1
RB2
RB3
RB4
RB5
RB6/PGC
RB7/PGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com