Electronic Components Datasheet Search
  English  ▼

X  

PIC16F72 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F72
Description  28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F72 Datasheet HTML 5Page - Microchip Technology PIC16F72 Datasheet HTML 6Page - Microchip Technology PIC16F72 Datasheet HTML 7Page - Microchip Technology PIC16F72 Datasheet HTML 8Page - Microchip Technology PIC16F72 Datasheet HTML 9Page - Microchip Technology PIC16F72 Datasheet HTML 10Page - Microchip Technology PIC16F72 Datasheet HTML 11Page - Microchip Technology PIC16F72 Datasheet HTML 12Page - Microchip Technology PIC16F72 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
© 2007 Microchip Technology Inc.
DS39597C-page 7
PIC16F72
2.0
MEMORY ORGANIZATION
There are two memory blocks in the PIC16F72 device.
These are the program memory and the data memory.
Each block has separate buses so that concurrent
access can occur. Program memory and data memory
are explained in this section. Program memory can be
read internally by the user code (see Section 7.0).
The data memory can further be broken down into the
general purpose RAM and the Special Function
Registers (SFRs). The operation of the SFRs that
control the “core” are described here. The SFRs used
to control the peripheral modules are described in the
section discussing each individual peripheral module.
Additional information on device memory may be found
in
the
PIC™
Mid-Range
Reference
Manual,
(DS33023).
2.1
Program Memory Organization
PIC16F72 devices have a 13-bit program counter capa-
ble of addressing a 8K x 14 program memory space.
The address range for this program memory is 0000h -
07FFh. Accessing a location above the physically
implemented address will cause a wraparound.
The RESET Vector is at 0000h and the Interrupt Vector
is at 0004h.
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK
2.2
Data Memory Organization
The Data Memory is partitioned into multiple banks that
contain the General Purpose Registers and the Special
Function Registers. Bits RP1 (STATUS<6>) and RP0
(STATUS<5>) are the bank select bits.
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM.
All implemented banks contain SFRs. Some “high use”
SFRs from one bank may be mirrored in another bank,
for code reduction and quicker access (e.g., the
STATUS register is in Banks 0 - 3).
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly, or indi-
rectly, through the File Select Register FSR (see
Section 2.5).
PC<12:0>
13
0000h
0004h
0005h
07FFh
1FFFh
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
0800h
RP1:RP0
Bank
00
0
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com