Electronic Components Datasheet Search
  English  ▼

X  

PIC17C4X Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC17C4X
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C4X Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC17C4X Datasheet HTML 29Page - Microchip Technology PIC17C4X Datasheet HTML 30Page - Microchip Technology PIC17C4X Datasheet HTML 31Page - Microchip Technology PIC17C4X Datasheet HTML 32Page - Microchip Technology PIC17C4X Datasheet HTML 33Page - Microchip Technology PIC17C4X Datasheet HTML 34Page - Microchip Technology PIC17C4X Datasheet HTML 35Page - Microchip Technology PIC17C4X Datasheet HTML 36Page - Microchip Technology PIC17C4X Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 33
PIC16C63A/65B/73B/74B
5.3
PORTC and TRISC Registers
PORTC is an 8-bit bi-directional port. Each pin is indi-
vidually configurable as an input or output through the
TRISC register. PORTC is multiplexed with several
peripheral functions (Table 5-5). PORTC pins have
Schmitt Trigger input buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTC pin. Some
peripherals override the TRIS bit to make a pin an out-
put, while other peripherals override the TRIS bit to
make a pin an input. Since the TRIS bit override is in
effect while the peripheral is enabled, read-modify-write
instructions (BSF, BCF, XORWF) with TRISC as des-
tination should be avoided. The user should refer to the
corresponding peripheral section for the correct TRIS
bit settings.
FIGURE 5-5:
PORTC BLOCK DIAGRAM
TABLE 5-5:
PORTC FUNCTIONS
TABLE 5-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
PORT/PERIPHERAL Select(2)
Data Bus
WR
Port
WR
TRIS
RD
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Q
D
Q
CK
QD
EN
Peripheral Data Out
0
1
Q
D
Q
CK
P
N
VDD
VSS
Port
Peripheral
OE(3)
Peripheral Input
I/O pin(1)
Note
1:
I/O pins have diode protection to VDD and VSS.
2:
Port/Peripheral select signal selects between port
data and peripheral output.
3:
Peripheral OE (output enable) is only activated if
peripheral select is active.
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output/Timer1 clock input.
RC1/T1OSI/CCP2
bit1
ST
Input/output port pin or Timer1 oscillator input or Capture2 input/Compare2
output/PWM2 output.
RC2/CCP1
bit2
ST
Input/output port pin or Capture1 input/Compare1 output/PWM1 output.
RC3/SCK/SCL
bit3
ST
RC3 can also be the Synchronous Serial Clock for both SPI and I2C modes.
RC4/SDI/SDA
bit4
ST
RC4 can also be the SPI Data In (SPI mode) or Data I/O (I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or Synchronous Serial Port Data output.
RC6/TX/CK
bit6
ST
Input/output port pin or USART Asynchronous Transmit, or USART
Synchronous Clock.
RC7/RX/DT
bit7
ST
Input/output port pin or USART Asynchronous Receive, or USART
Synchronous Data.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
87h
TRISC
PORTC Data Direction register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com