Electronic Components Datasheet Search
  English  ▼

X  

PIC17C4X Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC17C4X
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C4X Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC17C4X Datasheet HTML 85Page - Microchip Technology PIC17C4X Datasheet HTML 86Page - Microchip Technology PIC17C4X Datasheet HTML 87Page - Microchip Technology PIC17C4X Datasheet HTML 88Page - Microchip Technology PIC17C4X Datasheet HTML 89Page - Microchip Technology PIC17C4X Datasheet HTML 90Page - Microchip Technology PIC17C4X Datasheet HTML 91Page - Microchip Technology PIC17C4X Datasheet HTML 92Page - Microchip Technology PIC17C4X Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 184 page
background image
 2000 Microchip Technology Inc.
DS30605C-page 89
PIC16C63A/65B/73B/74B
13.4
RESETS
13.4.1
POWER-ON RESET (POR)
A Power-on Reset pulse is generated on-chip when
VDD rise is detected (parameters D003 and D004, in
the range of 1.5V - 2.1V). To take advantage of the
POR, just tie the MCLR pin directly (or through a resis-
tor) to VDD. This will eliminate external RC components
usually needed to create a POR.
When the device starts normal operation (exits the
RESET condition), device operating parameters (volt-
age, frequency, temperature) must be met to ensure
operation. If these conditions are not met, the device
must be held in RESET until the operating conditions
are met. The device may be held in RESET by keeping
MCLR at Vss.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting.”
13.4.2
POWER-UP TIMER (PWRT)
The Power-up Timer provides a fixed 72 ms nominal
time-out on power-up from the POR. The PWRT oper-
ates on an internal RC oscillator. The device is kept in
RESET as long as the PWRT is active. The PWRT’s
time delay allows VDD to rise to an acceptable level. A
configuration bit is provided to enable/disable the
PWRT.
The power-up time delay will vary from chip to chip, due
to VDD, temperature and process variation. See DC
parameters for details (TPWRT, parameter #33).
13.4.3
OSCILLATOR START-UP TIMER
(OST)
The Oscillator Start-up Timer provides a delay of 1024
oscillator cycles (from OSC1 input) after the PWRT
delay, if enabled. This helps to ensure that the crystal
oscillator or resonator has started and stabilized.
The OST time-out is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
13.4.4
BROWN-OUT RESET (BOR)
The configuration bit, BODEN, can enable or disable
the Brown-out Reset circuit. If VDD falls below VBOR
(parameter D005, about 4V) for longer than TBOR
(parameter #35, about 100
µS), the brown-out situation
will reset the device. If VDD falls below VBOR for less
than TBOR, a RESET may not occur.
Once the brown-out occurs, the device will remain in
Brown-out Reset until VDD rises above VBOR. The
Power-up Timer then keeps the device in RESET for
TPWRT (parameter #33, about 72mS). If VDD should fall
below VBOR during TPWRT, the Brown-out Reset pro-
cess will restart when VDD rises above VBOR with the
Power-up Timer Reset. The Power-up Timer is always
enabled when the Brown-out Reset circuit is enabled,
regardless of the state of the PWRT configuration bit.
13.4.5
TIME-OUT SEQUENCE
On power-up, the time-out sequence is as follows: the
PWRT delay starts (if enabled) when a POR occurs.
Then, OST starts counting 1024 oscillator cycles when
PWRT ends (LP, XT, HS). When the OST ends, the
device comes out of RESET.
If MCLR is kept low long enough, the time-outs will
expire. Bringing MCLR high will begin execution imme-
diately. This is useful for testing purposes or to synchro-
nize more than one PIC16CXX device operating in
parallel.
Table 13-5 shows the RESET conditions for the
STATUS, PCON and PC registers, while Table 13-6
shows the RESET conditions for all the registers.
13.4.6
POWER CONTROL/STATUS
REGISTER (PCON)
The Brown-out Reset Status bit, BOR, is unknown on a
POR. It must be set by the user and checked on sub-
sequent RESETS to see if bit BOR was cleared, indi-
cating a BOR occurred. The BOR bit is not predictable
if the Brown-out Reset circuitry is disabled.
The Power-on Reset Status bit, POR, is cleared on a
POR and unaffected otherwise. The user must set this
bit following a POR and check it on subsequent
RESETS to see if it has been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com