Electronic Components Datasheet Search
  English  ▼

X  

PB588G Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PB588G
Description  BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PB588G Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PB588G Datasheet HTML 8Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 9Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 10Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 11Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 12Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 13Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 14Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 15Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
μPB1507GV
TEST CIRCUIT
μPB1507GV
2
3
4
8
7
6
5
1
C2
C1
C4
C3
C5
C6
C7
Stray cap.
50
Ω
IN
VCC
SW1
OUT
IN
NC
SW2
GND
1 M
Ω
0.6 pF
Oscilloscope
Monitor
VCC = +5.0 V ±10%
S.G
OPEN
50
Ω
or Counter
•
SG (HP-8665A)
Divide ratio setting
•
Counter (HP5350B) : To measure input sensitivity
SW2
or
H
L
SW1
H
1/64
Oscilloscope
: To measure output voltage swing
1/128
L
1/128
1/256
H: Connect to VCC
L: Connect to GND or OPEN
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com