Electronic Components Datasheet Search
  English  ▼

X  

PB588G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PB588G
Description  BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PB588G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PB588G Datasheet HTML 1Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 2Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 3Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 4Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 5Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 6Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 7Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 8Page - List of Unclassifed Manufacturers PB588G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PB1507GV
PIN CONNECTION (Top View)
Pin
NO.
PB1506GV
PB1507GV
1
SW1
IN
2
IN
VCC
3
IN
SW1
4
GND
OUT
5
NC
GND
6
SW2
SW2
7
OUT
NC
8
VCC
IN
PRODUCT LINE-UP
Features
(division, Freq.)
Part No.
ICC
(mA)
fin
(GHz)
VCC
(V)
Package
Pin connection
÷
512, ÷256, 2.5 GHz
PB586G
28
0.5 to 2.5
4.5 to 5.5
8 pin SOP 225 mil
Original
÷
128, ÷64, 2.5 GHz
PB588G
26
0.5 to 2.5
4.5 to 5.5
÷
256, ÷128, ÷64
PB1505GR
14
0.5 to 3.0
4.5 to 5.5
Standard
PB1507GV
19
0.5 to 3.0
4.5 to 5.5
8 pin SSOP 175 mil
Standard
Remarks • This table shows the TYP values of main parameters.
Please refer to ELECTRICAL
CHARACTERISTICS.
•
PB586G and PB588G are discontinued.
INTERNAL BLOCK DIAGRAM
D
CLK
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
SW1
SW2
AMP
OUT
IN
IN
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com