Electronic Components Datasheet Search
  English  ▼

X  

PD720202 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 22Page - Renesas Technology Corp PD720202 Datasheet HTML 23Page - Renesas Technology Corp PD720202 Datasheet HTML 24Page - Renesas Technology Corp PD720202 Datasheet HTML 25Page - Renesas Technology Corp PD720202 Datasheet HTML 26Page - Renesas Technology Corp PD720202 Datasheet HTML 27Page - Renesas Technology Corp PD720202 Datasheet HTML 28Page - Renesas Technology Corp PD720202 Datasheet HTML 29Page - Renesas Technology Corp PD720202 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 26 of 40
Jan. 17, 2013
3.8.7
USB3.0 SuperSpeed Interface – Differential Transmitter (TX) Specifications
(Refer to Universal Serial Bus 3.0 Specification Revision 1.0 for more information)
Table 3-17.
Transmitter Normative Electrical Parameters
Parameter
Symbol
Min
Max
Units
Unit Interval
UI
199.94
200.06
ps
Differential p-p Tx voltage swing
V
TX-DIFF-PP
0.8
1.2
V
Tx de-emphasis
V
TX-DE-RATIO
3.0
4.0
dB
DC differential impedance
R
TX-DIFF-DC
72
120
Ω
The amount of voltage change
allowed during Receiver Detection
V
TX-RCV-DETECT
0.6
V
AC Coupling Capacitor
C
AC-COUPLING
75
200
nF
Maximum slew rate
t
CDR-SLEW-MAX
10
ms/s
Table 3-18.
Transmitter Informative Electrical Parameters
Parameter
Symbol
Min
Max
Units
Deterministic min pulse
t
MIN-PULSE-Dj
0.96
UI
Tx min pulse
t
MIN-PULSE-Tj
0.90
UI
Transmitter Eye
t
TX-EYE
0.625
UI
Tx deterministic jitter
t
TX-DJ-DD
0.205
UI
Tx input capacitance for return loss
C
TX-PARASITIC
1.25
pF
Transmitter DC common mode
impedance
R
TX-DC
18
30
Ω
Transmitter short-circuit current limit
I
TX-SHORT
60
mA
Transmitter DC common-mode
voltage
V
TX-DC-CM
0
2.2
V
Tx AC common mode voltage
V
TX-CM-AC-PP-ACTIVE
100
mVp-p
Absolute DC Common Mode Voltage
between U1 and U0
V
TX-CM-DC-ACTIVE-
IDLE-DELTA
200
mV
Electrical Idle Differential Peak- Peak
Output voltage
V
TX-IDLE-DIFF-AC-pp
0
10
mV
DC Electrical Idle Differential Output
Voltage
V
TX-IDLE-DIFF-DC
0
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com