Electronic Components Datasheet Search
  English  ▼

X  

PD720202 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # PD720202
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720202 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button PD720202 Datasheet HTML 27Page - Renesas Technology Corp PD720202 Datasheet HTML 28Page - Renesas Technology Corp PD720202 Datasheet HTML 29Page - Renesas Technology Corp PD720202 Datasheet HTML 30Page - Renesas Technology Corp PD720202 Datasheet HTML 31Page - Renesas Technology Corp PD720202 Datasheet HTML 32Page - Renesas Technology Corp PD720202 Datasheet HTML 33Page - Renesas Technology Corp PD720202 Datasheet HTML 34Page - Renesas Technology Corp PD720202 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 31 of 40
Jan. 17, 2013
Figure 3-12.
Differential Input Sensitivity Range for Low-/Full-Speed
4.6
−1.0
Input Voltage Range (V)
Differential Input Voltage Range
Differential Output
Crossover
Voltage Range
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Figure 3-13.
Receiver Sensitivity for Transceiver at U2DP/U2DM
0 V
Differential
+400 mV
Differential
−400 mV
Differential
Unit Interval
Level 1
Level 2
0%
100%
Point 5
Point 2
Point 1
Point 3
Point 4
Point 6
Figure 3-14.
Receiver Measurement Fixtures
Vbus
D
+
D
−
Gnd
15.8
Ω
+
To 50
Ω Inputs of a
High Speed Differential
Oscilloscope, or 50
Ω
Outputs of a High Speed
Differential Data Generator
−
50
Ω
Coax
50
Ω
Coax
USB
Connector
Nearest
Device
Test Supply Voltage
15.8
Ω
143
Ω
143
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com