Electronic Components Datasheet Search
  English  ▼

X  

AS1747 Datasheet(PDF) 7 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 7 Page - ams AG

Back Button AS1747 Datasheet HTML 3Page - ams AG AS1747 Datasheet HTML 4Page - ams AG AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG AS1747 Datasheet HTML 10Page - ams AG AS1747 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
6 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
THD
Total Harmonic
Distortion
f = 20Hz to 20kHz, VCOM_ = 0.5VP-P, DC Bias =
0, RL = 32Ω
0.01
%
CNO_(Off)
CNC_(Off)
NO_, NC_ Off-
Capacitance
f = 1MHz, VCOM_ = 0.5VP-P, DC Bias = 0
63
pF
CCOM_(ON) COM On-Capacitance
f = 1MHz, VCOM_ = 0.5VP-P, DC Bias = 0
196
pF
Digital I/O (IN_)
VIH
Input Logic High
Voltage
VCC = 2.7V to 3.6V
1.4
V
VCC = 4.2V to 5.5V
2.0
VIL
Input Logic Low
Voltage
VCC = 2.7V to 3.6V
0.5
V
VCC = 4.2V to 5.5V
0.8
IIN
Input Leakage Current
VIN_ = 0V to VCC, VCC = 5.5V
-1
+1
µA
Comparator (AS1748/AS1750)
Comparator Threshold
VCC/3
V
Comparator Output
High Voltage
ISOURCE = 1mA
VCC -
0.45V
V
Comparator Output
Low Voltage
ISINK = 1mA
0.4V
V
Comparator Input
Leakage Current
VCMP- = 0 to 2.7V
-50
+50
nA
Comparator Switching
Time
VCC = 2.7V, VCMP- = 0V to VCC, from 50% of
VCMP- to 50% of VCMPO
0.3
0.4
µs
Power Supply
VCC
Power-Supply Range
1.8
5.5
V
ICC
Supply Current
VCC = 5.5V, VIN_ = 0V or VCC
AS1747/AS1749
0.01
1
µA
AS1748/AS1750
5
10
1. Guaranteed by design
Note: All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or
SQC (Statistical Quality Control) methods.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com