Electronic Components Datasheet Search
  English  ▼

X  

AS1747 Datasheet(PDF) 9 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 9 Page - ams AG

Back Button AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG AS1747 Datasheet HTML 10Page - ams AG AS1747 Datasheet HTML 11Page - ams AG AS1747 Datasheet HTML 12Page - ams AG AS1747 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
8 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Turn-ON/OFF vs. Temperature; VCC = 3V
Figure 11. Logic Threshold Voltage vs. VCC
0
50
100
150
200
250
-40
-15
10
35
60
85
Temperature (°C)
t
OFF
t
ON
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
0123456
VCC (V)
V
IN rising
V
IN falling
Figure 12. Charge Injection vs. VCOM; CLOAD = 1nF
Figure 13. Leakage Current vs. Temperature
-300
-250
-200
-150
-100
-50
0
50
100
150
200
-4
-2
0
2
4
6
VCOM (V)
Vcc =3.0V
Vcc =5.5V
0
20
40
60
80
100
-40
-15
10
35
60
85
Temperature (°C)
I
COM on
I
COM off
Figure 14. Frequency Response
Figure 15. Total Harmonic Distortion vs. Frequency
-120
-100
-80
-60
-40
-20
0
20
0.001
0.01
0.1
1
10
100
1000
Frequency (MHz)
Crosstalk
OFF- Isolation
ON- Response
0.001
0.01
0.1
10
100
1000
10000
100000
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com